Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ2502A Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # GBJ2502A
Description  Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

GBJ2502A Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  GBJ2502A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd GBJ2502A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd GBJ2502A Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd GBJ2502A Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GBJ25005A THRU GBJ2510A
2 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-B275
Rev. 2.1,29-Sep-15
www.21yangjie.com
■Thermal Characteristics (T
a=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT GBJ25005A GBJ2501A GBJ2502A GBJ2504A GBJ2506A GBJ2508A GBJ2510A
Thermal
Resistance
Between junction and
ambient, Without
heatsink
R
θJ-A
℃/W
22
Between junction and
case, With heatsink
R
θJ-C
1.0
■Ordering Information (Example)
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
GBJ25005A THRU
GBJ2510A
B1
Approximate 6.5
15
750
1500
TUBE
GBJ25005A THRU
GBJ2510A
A1
Approximate 6.5
250
250
2000
BOX
■ Characteristics (Typical)
`
80
0
FIG1:Io-Tc Curve
160
90
100
110
120
130
140
150
Tc
heatsink
10
70
20
30
Case Temperature(℃)
sine wave R-load
with heatsink
0.4
0.6
0.8
1.0
1.2
1.4
0.1
0.2
0.5
FIG3: Forward Voltage
1.0
10
20
40
60
5.0
Ta=25℃
Instantaneous Forward Voltage(V)
0
20
40
60
80
100
0.01
0.1
1.0
10
100
Tj=125℃
Tj=25℃
FIG4:Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage(%)
1
0
2
5
10
20
50
100
150
300
450
FIG2:Surge Forward Current Capability
0
8.3ms 8.3ms
half sine wave
Number of Cycles
non-repetitive
Tj=25℃
1cycle


Similar Part No. - GBJ2502A

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
GBJ2502A DYELEC-GBJ2502A Datasheet
4Mb / 3P
   SINGLE PHASE 25AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
SAMYANG ELECTRONICS CO....
GBJ2502A SAMYANG-GBJ2502A Datasheet
1Mb / 3P
   Bridge Rectifiers
logo
RFE international
GBJ2502A RFE-GBJ2502A Datasheet
2Mb / 3P
   Bridge Rectifiers
1-18-2023
More results

Similar Description - GBJ2502A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com