Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMCHE1C226TRF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TMCHE1C226TRF
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCHE1C226TRF Datasheet(HTML) 5 Page - Vishay Siliconix

  TMCHE1C226TRF Datasheet HTML 1Page - Vishay Siliconix TMCHE1C226TRF Datasheet HTML 2Page - Vishay Siliconix TMCHE1C226TRF Datasheet HTML 3Page - Vishay Siliconix TMCHE1C226TRF Datasheet HTML 4Page - Vishay Siliconix TMCHE1C226TRF Datasheet HTML 5Page - Vishay Siliconix TMCHE1C226TRF Datasheet HTML 6Page - Vishay Siliconix TMCHE1C226TRF Datasheet HTML 7Page - Vishay Siliconix TMCHE1C226TRF Datasheet HTML 8Page - Vishay Siliconix TMCHE1C226TRF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TMCH
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
5
Document Number: 40182
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
16 VDC AT +85 °C; 10 VDC AT +125 °C
0.47
P
TMCHP1C474(1)TRF
0.25
6
22.0
0.05
0.68
P
TMCHP1C684(1)TRF
0.25
6
16.5
0.06
1.0
P
TMCHP1C105(1)TRF
0.25
6
11.0
0.08
1.0
A
TMCHA1C105(1)TRF
0.25
4
6.6
0.11
1.5
A
TMCHA1C155(1)TRF
0.25
6
6.6
0.11
2.2
A
TMCHA1C225(1)TRF
0.25
6
6.6
0.11
3.3
A
TMCHA1C335(1)TRF
0.26
6
4.0
0.14
3.3
B
TMCHB1C335(1)TRF
0.26
6
3.9
0.16
4.7
A
TMCHA1C475(1)TRF
0.37
6
4.0
0.14
4.7
B
TMCHB1C475(1)TRF
0.37
6
2.8
0.19
6.8
B
TMCHB1C685(1)TRF
0.54
6
2.8
0.19
10
B
TMCHB1C106(1)TRF
0.80
6
1.7
0.24
10
C
TMCHC1C106(1)TRF
0.80
6
1.7
0.24
15
C
TMCHC1C156(1)TRF
1.20
6
2.2
0.21
22
B
TMCHB1C226(1)TRF
1.76
8
1.7
0.24
22
C
TMCHC1C226(1)TRF
1.76
6
1.7
0.24
22
E
TMCHE1C226(1)TRF
1.76
6
0.9
0.37
33
C
TMCHC1C336(1)TRF
2.64
8
1.1
0.30
33
E
TMCHE1C336(1)TRF
2.64
6
0.9
0.37
47
C
TMCHC1C476MTRF
3.76
8
2.2
0.21
47
E
TMCHE1C476(1)TRF
3.76
8
0.9
0.37
20 VDC AT +85 °C; 13 VDC AT +125 °C
0.33
P
TMCHP1D334(1)TRF
0.25
6
22.0
0.05
0.68
A
TMCHA1D684(1)TRF
0.25
4
9.7
0.09
1.0
A
TMCHA1D105(1)TRF
0.25
4
6.6
0.11
1.5
A
TMCHA1D155(1)TRF
0.25
6
4.4
0.13
2.2
A
TMCHA1D225(1)TRF
0.25
6
4.4
0.13
2.2
B
TMCHB1D225(1)TRF
0.25
6
3.9
0.16
3.3
B
TMCHB1D335(1)TRF
0.33
6
3.9
0.16
4.7
B
TMCHB1D475(1)TRF
0.47
6
2.8
0.19
6.8
B
TMCHB1D685(1)TRF
0.68
6
2.8
0.19
6.8
C
TMCHC1D685(1)TRF
0.68
6
1.7
0.24
10
C
TMCHC1D106(1)TRF
1.00
6
1.7
0.24
15
C
TMCHC1D156(1)TRF
1.50
6
2.2
0.21
15
E
TMCHE1D156(1)TRF
1.50
6
0.9
0.37
22
E
TMCHE1D226(1)TRF
2.20
6
0.9
0.37
33
E
TMCHE1D336(1)TRF
3.30
6
0.9
0.37
25 VDC AT +85 °C; 16 VDC AT +125 °C
0.47
A
TMCHA1E474(1)TRF
0.25
4
16.5
0.07
0.68
A
TMCHA1E684(1)TRF
0.25
4
9.7
0.09
1.5
B
TMCHB1E155(1)TRF
0.25
6
3.9
0.16
2.2
B
TMCHB1E225(1)TRF
0.27
6
3.9
0.16
3.3
B
TMCHB1E335(1)TRF
0.41
6
3.9
0.16
4.7
B
TMCHB1E475(1)TRF
0.58
6
2.8
0.19
4.7
C
TMCHC1E475(1)TRF
0.58
6
2.8
0.19
6.8
C
TMCHC1E685(1)TRF
0.85
6
1.7
0.24
10
C
TMCHC1E106(1)TRF
1.25
6
1.7
0.24
10
E
TMCHE1E106(1)TRF
1.25
6
2.0
0.24
15
E
TMCHE1E156(1)TRF
1.87
6
0.9
0.37
22
E
TMCHE1E226(1)TRF
2.75
6
0.9
0.37
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz IRMS
(A)
Note
• Part number definition:
(1) Tolerance: For 10 % tolerance, specify “K”; for 20 % tolerance, change to “M”


Similar Part No. - TMCHE1C226TRF

ManufacturerPart #DatasheetDescription
logo
HolyStone International
TMCH HOLYSTONECAPS-TMCH Datasheet
67Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCHA1C105MTRF HOLYSTONECAPS-TMCHA1C105MTRF Datasheet
67Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TMCHE1C226TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
THC VISHAY-THC Datasheet
258Kb / 11P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Temperature, High Reliability
TMCJ VISHAY-TMCJ Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
TMCM VISHAY-TMCM Datasheet
275Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Extended Range
Revision: 26-Oct-17
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
   Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Revision: 16-Jan-17
TH3 VISHAY-TH3 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com