Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY253 Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # BY253
Description  GENERAL PURPOSE PLASTICK RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

BY253 Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  BY253 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. BY253 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
GAOMI XINGHE ELECTRONICS CO.,LTD.                      WWW.SDDZG.COM
星合电子
XINGHE ELECTRONICS


Similar Part No. - BY253

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
BY253 TMT-BY253 Datasheet
173Kb / 4P
   3A, 200V - 800V Silicon Rectifiers
logo
Pan Jit International I...
BY253 PANJIT-BY253 Datasheet
67Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER(VOLTAGE - 200 to 1300 Volts CURRENT - 3.0 Amperes)
logo
Diotec Semiconductor
BY253 DIOTEC-BY253 Datasheet
63Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
logo
EIC discrete Semiconduc...
BY253 EIC-BY253 Datasheet
47Kb / 2P
   SILICON RECTIFIER DIODES
logo
Diotec Semiconductor
BY253 DIOTEC-BY253 Datasheet
94Kb / 2P
   Standard Recovery Rectifier Diodes
More results

Similar Description - BY253

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
1A1 GXELECTRONICS-1A1 Datasheet
321Kb / 2P
   GENERAL PURPOSE PLASTICK RECTIFIER
BY550-50 GXELECTRONICS-BY550-50 Datasheet
321Kb / 2P
   GENERAL PURPOSE PLASTICK RECTIFIER
BY127 GXELECTRONICS-BY127 Datasheet
363Kb / 2P
   GENERAL PURPOSE PLASTICK RECTIFIER
1N4001W GXELECTRONICS-1N4001W Datasheet
315Kb / 2P
   GENERAL PURPOSE PLASTICK RECTIFIER
1N5391 GXELECTRONICS-1N5391 Datasheet
448Kb / 2P
   GENERAL PURPOSE PLASTICK RECTIFIER
10A05 GXELECTRONICS-10A05 Datasheet
329Kb / 2P
   GENERAL PURPOSE PLASTICK RECTIFIER
logo
Powerex Power Semicondu...
A451 POWEREX-A451 Datasheet
430Kb / 4P
   GENERAL PURPOSE RECTIFIER
IN4587 POWEREX-IN4587 Datasheet
640Kb / 4P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3AB YANGJIE-GS3AB Datasheet
140Kb / 2P
   General Purpose Rectifier
logo
Comchip Technology
1N5400-G COMCHIP-1N5400-G Datasheet
50Kb / 2P
   General Purpose Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com