Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMCHC1C106TRF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TMCHC1C106TRF
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCHC1C106TRF Datasheet(HTML) 3 Page - Vishay Siliconix

  TMCHC1C106TRF Datasheet HTML 1Page - Vishay Siliconix TMCHC1C106TRF Datasheet HTML 2Page - Vishay Siliconix TMCHC1C106TRF Datasheet HTML 3Page - Vishay Siliconix TMCHC1C106TRF Datasheet HTML 4Page - Vishay Siliconix TMCHC1C106TRF Datasheet HTML 5Page - Vishay Siliconix TMCHC1C106TRF Datasheet HTML 6Page - Vishay Siliconix TMCHC1C106TRF Datasheet HTML 7Page - Vishay Siliconix TMCHC1C106TRF Datasheet HTML 8Page - Vishay Siliconix TMCHC1C106TRF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TMCH
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
3
Document Number: 40182
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Marking code repeats every four years in alphabetical order (letter of I, i, O, and o are excluded)
MARKING
SIMPLIFIED VOLTAGE AND NOMINAL CAPACITANCE CODES, CASE P
μF
6.3 V
10 V
16 V
20 V
0.33
DN
0.47
S5
0.68
CW
1.0
CA
1.5
AE
2.2
AJ
3.3
AN
4.7
AS
6.8
JW
10
JA
DATE CODE
YEAR
MONTH
123456789
10
11
12
2013
A
B
C
D
E
F
G
H
J
K
L
M
2014
N
P
Q
R
S
T
U
V
W
X
Y
Z
2015
a
b
c
d
e
f
g
h
j
k
l
m
2016
n
p
q
r
s
t
u
v
w
x
y
z
2017
A
B
C
D
E
F
G
H
J
K
L
M
2018
N
P
Q
R
S
T
U
V
W
X
Y
Z
2019
a
b
c
d
e
f
g
h
j
k
l
m
2020
n
p
q
r
s
t
u
v
w
x
y
z
10
16A
C, E Case
Date code
Anode indication belt mark
Rated voltage (16 V)
Nominal capacitance
value (10 μF)
AS
P Case
Anode indication belt mark
Simplified code of nominal
capacitance (S: 4.7 µF)
Simplified code of rated
voltage (A: 10 V)
10 V, 4.7 µF


Similar Part No. - TMCHC1C106TRF

ManufacturerPart #DatasheetDescription
logo
HolyStone International
TMCH HOLYSTONECAPS-TMCH Datasheet
67Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCHA1C105MTRF HOLYSTONECAPS-TMCHA1C105MTRF Datasheet
67Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TMCHC1C106TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
THC VISHAY-THC Datasheet
258Kb / 11P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Temperature, High Reliability
TMCJ VISHAY-TMCJ Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
TMCM VISHAY-TMCM Datasheet
275Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Extended Range
Revision: 26-Oct-17
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
   Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Revision: 16-Jan-17
TH3 VISHAY-TH3 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com