Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE5206-2S Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE5206-2S
Description  5-A H-Bridge for DC-Motor Applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5206-2S Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE5206-2S Datasheet HTML 1Page - Infineon Technologies AG TLE5206-2S Datasheet HTML 2Page - Infineon Technologies AG TLE5206-2S Datasheet HTML 3Page - Infineon Technologies AG TLE5206-2S Datasheet HTML 4Page - Infineon Technologies AG TLE5206-2S Datasheet HTML 5Page - Infineon Technologies AG TLE5206-2S Datasheet HTML 6Page - Infineon Technologies AG TLE5206-2S Datasheet HTML 7Page - Infineon Technologies AG TLE5206-2S Datasheet HTML 8Page - Infineon Technologies AG TLE5206-2S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TLE 5206-2
Overview
Data Sheet
3
2001-06-19
1.3
Pin Definitions and Functions
Pin No.
P-TO220
Pin No.
P-DSO
Symbol
Function
17
OUT1
Output of Channel 1; Short-circuit protected;
integrated freewheeling diodes for inductive loads.
28
EF
Error Flag; TTL/CMOS compatible output
for error detection; (open drain)
39
IN1
Control Input 1;
TTL/CMOS compatible
4
1, 10,
11, 20
GND
Ground;
internally connected to tab
512
IN2
Control Input 2;
TTL/CMOS compatible
66, 15
V
S
Supply Voltage; block to GND
714
OUT2
Output of Channel 2; Short-circuit protected;
integrated freewheeling diodes for inductive loads.
2, 3, 4, 5,
16, 17, 18,
19
N.C.
Not Connected


Similar Part No. - TLE5206-2S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE5206-2S INFINEON-TLE5206-2S Datasheet
335Kb / 24P
   5-A H-Bridge for DC-Motor Applications
Rev.1.1, 2007-07-31
More results

Similar Description - TLE5206-2S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE5205-2 INFINEON-TLE5205-2 Datasheet
214Kb / 23P
   5-A H-Bridge for DC-Motor Applications
2001-06-19
TLE5205-2 INFINEON-TLE5205-2_07 Datasheet
342Kb / 25P
   5-A H-Bridge for DC-Motor Applications
Rev. 1.1, 2007-07-31
TLE5206-2 INFINEON-TLE5206-2_07 Datasheet
335Kb / 24P
   5-A H-Bridge for DC-Motor Applications
Rev.1.1, 2007-07-31
TLE7209-2R INFINEON-TLE7209-2R_10 Datasheet
385Kb / 32P
   7 A H-Bridge for DC-Motor Applications
Rev. 1.5, 2010-11-05
TLE7209-2R INFINEON-TLE7209-2R Datasheet
335Kb / 32P
   7 A H-Bridge for DC-Motor Applications
V1.0, 2004-mar-12
TLE6209R INFINEON-TLE6209R_10 Datasheet
705Kb / 30P
   7 A H-Bridge for DC-Motor Applications
Rev.3.2 2010-09-10
TLE6209R INFINEON-TLE6209R Datasheet
278Kb / 28P
   7 A H-Bridge for DC-Motor Applications
Version 3.0 2001-10-15
TLE6209R INFINEON-TLE6209R_07 Datasheet
329Kb / 30P
   7 A H-Bridge for DC-Motor Applications
2007-08-01 Rev.3.1
TLE7209-2R INFINEON-TLE7209-2R_07 Datasheet
428Kb / 32P
   7 A H-Bridge for DC-Motor Applications
Rev. 1.4, 2007-04-05
logo
Rohm
BD6211HFP ROHM-BD6211HFP Datasheet
266Kb / 5P
   H-bridge driver for DC brush motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com