Electronic Components Datasheet Search |
|
TM8R106M016ESA Datasheet(PDF) 1 Page - Vishay Siliconix |
|
TM8R106M016ESA Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 18 page TM8 www.vishay.com Vishay Sprague Revision: 09-Mar-17 1 Document Number: 40133 For technical questions, contact: tantalum@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Solid Tantalum Chip Capacitors MICROTAN® High Reliability, Low DC Leakage, Leadframeless Molded PERFORMANCE CHARACTERISTICS www.vishay.com/doc?40170 Operating Temperature: -55 °C to +125 °C (above 85 °C, voltage derating is required) Capacitance Range: 0.33 μF to 47 μF Capacitance Tolerance: ± 10 % and ± 20 % standard Voltage Range: 2 VDC to 40 VDC FEATURES • High reliability solid surface mount tantalum capacitors • Low DC leakage for extended battery life • Small sizes for space constrained applications • L-shaped face-down terminations for superior board mounting • Suitable for medical implantable applications with additional screening • Material categorization: for definitions of compliance please see www.vishay.com/doc?99912 Note * This datasheet provides information about parts that are RoHS-compliant and / or parts that are non RoHS-compliant. For example, parts with lead (Pb) terminations are not RoHS-compliant. Please see the information / tables in this datasheet for details Available Available ORDERING INFORMATION TM8 R 106 M 016 E B A MODEL CASE CODE CAPACITANCE CAPACITANCE TOLERANCE DC VOLTAGE RATING AT +85 °C TERMINATION / PACKAGING RELIABILITY LEVEL SURGE CURRENT See Ratings and Case Codes table This is expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros to follow. K = ± 10 % M = ± 20 % This is expressed in volts. To complete the three-digit block, zeros precede the voltage rating. A decimal point is indicated by an “R” (6R3 = 6.3 V). Sn / Pb solder E = 7" (178 mm) reels L = 7" (178 mm) reels, ½ reel R = 7" (178 mm) 300 pcs. qty. 100 % tin C = 7" (178 mm) reels H = 7" (178 mm) reels, ½ reel U = 7" (178 mm) 300 pcs. qty. Gold A = 7" (178 mm) reels G = 7" (178 mm) reels, ½ reel P = 7" (178 mm) 300 pcs. qty. B = 0.1 % weibull FRL S = hi-rel std. (40 h burn-in) Z = non- established reliability A = 10 cycles at 25 °C B = 10 cycles at -55 °C / +85 °C Z = none |
Similar Part No. - TM8R106M016ESA |
|
Similar Description - TM8R106M016ESA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |