Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

194D225X9004A8B Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 194D225X9004A8B
Description  Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

194D225X9004A8B Datasheet(HTML) 4 Page - Vishay Siliconix

  194D225X9004A8B Datasheet HTML 1Page - Vishay Siliconix 194D225X9004A8B Datasheet HTML 2Page - Vishay Siliconix 194D225X9004A8B Datasheet HTML 3Page - Vishay Siliconix 194D225X9004A8B Datasheet HTML 4Page - Vishay Siliconix 194D225X9004A8B Datasheet HTML 5Page - Vishay Siliconix 194D225X9004A8B Datasheet HTML 6Page - Vishay Siliconix 194D225X9004A8B Datasheet HTML 7Page - Vishay Siliconix 194D225X9004A8B Datasheet HTML 8Page - Vishay Siliconix 194D225X9004A8B Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
194D
www.vishay.com
Vishay Sprague
Revision: 21-Jun-17
4
Document Number: 40000
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
10 VDC AT +85 °C, SURGE = 13 V; 7 VDC AT +125 °C, SURGE = 9 V
1.0
A
194D105(1)010A(2)(3)
0.5
4
1.5
A
194D155(1)010A(2)(3)
0.5
6
1.5
B
194D155(1)010B(2)(3)
0.5
6
2.2
A
194D225(1)010A(2)(3)
0.5
6
2.2
B
194D225(1)010B(2)(3)
0.5
6
3.3
A
194D335(1)010A(2)(3)
0.5
6
3.3
B
194D335(1)010B(2)(3)
0.5
6
3.3
C
194D335(1)010C(2)(3)
0.5
6
4.7
B
194D475(1)010B(2)(3)
0.5
6
4.7
C
194D475(1)010C(2)(3)
0.5
6
4.7
D
194D475(1)010D(2)(3)
0.5
6
6.8
D
194D685(1)010D(2)(3)
0.7
6
6.8
E
194D685(1)010E(2)(3)
0.7
6
10 (1)
B
194D106(1)010B(2)(3)
1.0
8
10
C
194D106(1)010C(2)(3)
1.0
6
10
E
194D106(1)010E(2)(3)
1.0
6
10
F
194D106(1)010F(2)(3)
1.0
6
15
E
194D156(1)010E(2)(3)
1.5
6
15
F
194D156(1)010F(2)(3)
1.5
6
22
F
194D226(1)010F(2)(3)
2.2
6
22
G
194D226(1)010G(2)(3)
2.2
6
33
F
194D336(1)010F(2)(3)
3.3
6
33
G
194D336(1)010G(2)(3)
3.3
6
47
F
194D476(1)010F(2)(3)
4.7
10
47
G
194D476(1)010G(2)(3)
4.7
6
47
H
194D476(1)010H(2)(3)
4.7
6
68
H
194D686(1)010H(2)(3)
6.8
6
100
G
194D107(1)010G(2)(3)
10.0
10
100
H
194D107(1)010H(2)(3)
10.0
8
120
H
194D127(1)010H(2)(3)
12.0
8
150
H
194D157(1)010H(2)(3)
15.0
10
220
H
194D227(1)010H(2)(3)
22.0
10
15 VDC AT +85 °C, SURGE = 20 V; 10 VDC AT +125 °C, SURGE = 12 V
0.68
A
194D684(1)015A(2)(3)
0.5
4
1.0
A
194D105(1)015A(2)(3)
0.5
4
1.0
B
194D105(1)015B(2)(3)
0.5
4
1.5
A
194D155(1)015A(2)(3)
0.5
6
1.5
B
194D155(1)015B(2)(3)
0.5
6
2.2
A
194D225(1)015A(2)(3)
0.5
6
2.2
B
194D225(1)015B(2)(3)
0.5
6
2.2
C
194D225(1)015C(2)(3)
0.5
6
3.3
B
194D335(1)015B(2)(3)
0.5
6
3.3
C
194D335(1)015C(2)(3)
0.5
6
3.3
D
194D335(1)015D(2)(3)
0.5
6
4.7
B
194D475(1)015B(2)(3)
0.7
6
4.7
D
194D475(1)015D(2)(3)
0.7
6
4.7
E
194D475(1)015E(2)(3)
0.7
6
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz (%)
Notes
• Part number definitions:
(1) Tolerance: for 10 % tolerance, specify “X9”; for 20 % tolerance, change to “X0”, for 5 % tolerance specify “X5” (special order)
(2) Termination: for gold plated specify “2”, for solder plated 60/40 specify “8”, for solder plated 60/40, fused specify “6”, for hot solder
dipped specify “7”
(3) Packaging code: for 7" reels specify “T”, for half of 7" reels specify “H”, for partial of 7" reels specify “U”, for bulk specify “B”
(1) 5 % tolerance is not available for the 0.33 μF / 50 V design and the 10 μF / 10 V design


Similar Part No. - 194D225X9004A8B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
194D225X9004A8T VISHAY-194D225X9004A8T Datasheet
167Kb / 9P
   Solid Tantalum Chip Capacitors MIDGET Conformal Coated
Revision 05-Jul-02
More results

Similar Description - 194D225X9004A8B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D VISHAY-195D_17 Datasheet
337Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated
Revision: 09-Nov-17
695D VISHAY-695D_17 Datasheet
320Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
195D476X0020R2T VISHAY-195D476X0020R2T Datasheet
348Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 28-Jun-13
695D VISHAY-695D Datasheet
198Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated
Revision 15-Feb-05
195D VISHAY-195D Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
195D106X9035Z2T VISHAY-195D106X9035Z2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D226X0035R2T VISHAY-195D226X0035R2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
194D475X0050H2B VISHAY-194D475X0050H2B Datasheet
93Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D VISHAY-195D_08 Datasheet
118Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated
Revision: 05-May-08
595D VISHAY-595D_17 Datasheet
334Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV
Revision: 21-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com