Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMCSE1A336TRF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TMCSE1A336TRF
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Standard Industrial Grade
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCSE1A336TRF Datasheet(HTML) 2 Page - Vishay Siliconix

  TMCSE1A336TRF Datasheet HTML 1Page - Vishay Siliconix TMCSE1A336TRF Datasheet HTML 2Page - Vishay Siliconix TMCSE1A336TRF Datasheet HTML 3Page - Vishay Siliconix TMCSE1A336TRF Datasheet HTML 4Page - Vishay Siliconix TMCSE1A336TRF Datasheet HTML 5Page - Vishay Siliconix TMCSE1A336TRF Datasheet HTML 6Page - Vishay Siliconix TMCSE1A336TRF Datasheet HTML 7Page - Vishay Siliconix TMCSE1A336TRF Datasheet HTML 8Page - Vishay Siliconix TMCSE1A336TRF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TMCS
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
2
Document Number: 40177
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Marking code repeats every four years in alphabetical order (letter of I, i, O, and o are excluded)
RATINGS AND CASE CODES
μF
4 V
7 V
10 V
16 V
20 V
25 V
35 V
0.10
A
0.15
A
0.22
A
0.33
A
0.47
AB
0.68
AB
1.0
A
B
1.5
A
B
C
2.2
A
B
C
3.3
A
B
C
4.7
B
C
E
6.8
B
C
E
10
B
C
E
15
C
E
22
C
E
33
C
E
47
E
68
E
MARKING
SIMPLIFIED CAP CODES, CASES A, B
CAPACITANCE
μF
CAPACITANCE
CODE
CAPACITANCE
μF
CAPACITANCE
CODE
0.10
104
3.3
335
0.15
154
4.7
475
0.22
224
6.8
685
0.33
334
10
106
0.47
474
15
156
0.68
684
22
226
1.0
105
33
336
1.5
155
47
476
2.2
225
68
686
DATE CODE
YEAR
MONTH
123456789
10
11
12
2013
A
B
C
D
E
F
G
H
J
K
L
M
2014
N
P
Q
R
S
T
U
V
W
X
Y
Z
2015
a
b
c
d
e
f
g
h
j
k
l
m
2016
n
p
q
r
s
t
u
v
w
x
y
z
2017
A
B
C
D
E
F
G
H
J
K
L
M
2018
N
P
Q
R
S
T
U
V
W
X
Y
Z
2019
a
b
c
d
e
f
g
h
j
k
l
m
2020
n
p
q
r
s
t
u
v
w
x
y
z
A7A
Simplified code of nominal
capacitance (A7: 10 μF)
Anode indication belt mark
A, B Case
Date code
16A
C, E Case
Date code
Anode indication belt mark
Rated voltage (16 V)
Nominal capacitance value (10 μF)


Similar Part No. - TMCSE1A336TRF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
TMCSE1A336 HITACHI-TMCSE1A336 Datasheet
66Kb / 2P
   Standard Tantalum Chip Capacitors
More results

Similar Description - TMCSE1A336TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D107X96R3B2TE3 VISHAY-293D107X96R3B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT짰, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D107X9020E2TE3 VISHAY-293D107X9020E2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 21-Mar-13
293D225X9020B2TE3 VISHAY-293D225X9020B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT , Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
293D105X9035B2T VISHAY-293D105X9035B2T Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
293D157X0016E2TE3 VISHAY-293D157X0016E2TE3 Datasheet
469Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 18-Mar-14
293D475X9025C2T VISHAY-293D475X9025C2T Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
293D106X9025D2TE3 VISHAY-293D106X9025D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D106X9035D2TE3 VISHAY-293D106X9035D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D336X9010B2TE3 VISHAY-293D336X9010B2TE3 Datasheet
466Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 12-Feb-14
293D226X9010B2TE3 VISHAY-293D226X9010B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com