Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMCUB0E107TRF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TMCUB0E107TRF
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Ultra Flat Low Profile
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCUB0E107TRF Datasheet(HTML) 2 Page - Vishay Siliconix

  TMCUB0E107TRF Datasheet HTML 1Page - Vishay Siliconix TMCUB0E107TRF Datasheet HTML 2Page - Vishay Siliconix TMCUB0E107TRF Datasheet HTML 3Page - Vishay Siliconix TMCUB0E107TRF Datasheet HTML 4Page - Vishay Siliconix TMCUB0E107TRF Datasheet HTML 5Page - Vishay Siliconix TMCUB0E107TRF Datasheet HTML 6Page - Vishay Siliconix TMCUB0E107TRF Datasheet HTML 7Page - Vishay Siliconix TMCUB0E107TRF Datasheet HTML 8Page - Vishay Siliconix TMCUB0E107TRF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TMCU
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
2
Document Number: 40180
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Marking on UA case
(2) Marking on UB case
RATINGS AND CASE CODES
μF
2.5 V
4 V
6.3 V (7 V)
10 V
16 V
20 V
25 V
35 V
0.10
UA
0.15
UA
0.22
UA
0.33
UA
0.47
UA
0.68
UA
UA
1.0
UA / UB
UA
UA / UB
1.5
UA
UA / UB
UB
UB
2.2
UA / UB
UA / UB
UB
UB
3.3
UA / UB
UA / UB
UB
4.7
UA
UA / UB
UB
UB
6.8
UA
UA / UB
UB
10
UA
UA
UA / UB
15
UA
UA
UA
UA / UB
UB
22
UA
UA
UA / UB
UA / UB
UB
33
UA / UB
UA / UB
UA / UB
UB
47
UA / UB
UA / UB
UA / UB
UB
68
UB
UA / UB
UB
100
UB
UA / UB
UB
150
UB
UB
220
UB
UB
MARKING
CAPACITANCE AND VOLTAGE MARKING
μF
2.5 V
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
0.10
VA5
0.15
VE5
0.22
VJ5
0.33
EN5
0.47
ES5
0.68
DW5
EW5
1.0
DA6 (1)
A6 (2)
EA6
VA6
1.5
CE6
DE6 (1)
E6 (2)
EE6
VE6
2.2
CJ6 (1)
J6 (2)
DJ6
EJ6
VJ6
3.3
CN6
DN6
EN6
4.7
AS6
CS6
DS6
ES6
6.8
AW6
CW6
DW6
10
JA7
AA7
CA7
15
eE7
GE7
JE7
AE7
CE7
22
eJ7
GJ7
JJ7
AJ7
CJ7
33
eN7
GN7
JN7
AN7
47
eS7
GS7
JS7
AS7
68
eW7
GW7
JW7
100
eA8
GA8
JA8
150
eE8
GE8
220
eJ8
GJ8
A6A
Simplified code of nominal
capacitance (A6: 1 μF)
Anode indication belt mark
Date code
20 V, 1 μF
DA6A
Simplified code of nominal
capacitance (A6: 1 μF)
Anode indication belt mark
Date code
Simplified code of rated
voltage (D: 20 V)
20 V, 1 μF


Similar Part No. - TMCUB0E107TRF

ManufacturerPart #DatasheetDescription
logo
HolyStone International
TMCUB0E107 HOLYSTONECAPS-TMCUB0E107 Datasheet
61Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TMCUB0E107TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
TMCJ VISHAY-TMCJ Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
TMCM VISHAY-TMCM Datasheet
275Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Extended Range
Revision: 26-Oct-17
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
   Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Revision: 16-Jan-17
TR3 VISHAY-TR3 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com