Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMCTXC1A226TRF Datasheet(PDF) 8 Page - Vishay Siliconix

Part # TMCTXC1A226TRF
Description  Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCTXC1A226TRF Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button TMCTXC1A226TRF Datasheet HTML 4Page - Vishay Siliconix TMCTXC1A226TRF Datasheet HTML 5Page - Vishay Siliconix TMCTXC1A226TRF Datasheet HTML 6Page - Vishay Siliconix TMCTXC1A226TRF Datasheet HTML 7Page - Vishay Siliconix TMCTXC1A226TRF Datasheet HTML 8Page - Vishay Siliconix TMCTXC1A226TRF Datasheet HTML 9Page - Vishay Siliconix TMCTXC1A226TRF Datasheet HTML 10Page - Vishay Siliconix TMCTXC1A226TRF Datasheet HTML 11Page - Vishay Siliconix TMCTXC1A226TRF Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Molded Guide
www.vishay.com
Vishay Polytech
Revision: 11-Apr-16
3
Document Number: 40218
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MOLDED CHIP CAPACITOR NIOBIUM, TYPE NMC
SOLID TANTALUM CAPACITORS - MOLDED CASE
SERIES
TMCS
TMCM
TMCR
TMCU
TMCP
TMCJ
PRODUCT
IMAGE
TYPE
Solid tantalum surface mount chip capacitors, molded case
FEATURES
Standard
industrial grade
Standard
industrial grade
extended range
Low ESR
Low profile
0805 size
0603 size
TEMPERATURE
RANGE
-55 °C to +125 °C
CAPACITANCE
RANGE
0.1 μF to 68 μF
0.47 μF to 470 μF
10 μF to 330 μF
0.1 μF to 220 μF
0.1 μF to 47 μF
0.68 μF to 22 μF
VOLTAGE
RANGE
4 V to 35 V
2.5 V to 35 V
7 V to 35 V
2.5 V to 35 V
2.5 V to 25 V
2.5 V to 20 V
CAPACITANCE
TOLERANCE
± 10 %, ± 20 %
± 20 %
LEAKAGE
CURRENT
0.01 CV or 0.5 μA, whichever is greater
DISSIPATION
FACTOR
4 % to 6 %
4 % to 30 %
6 % to 30 %
4 % to 30 %
6 % to 30 %
20 %
CASE SIZES
A, B, C, E
A, B, C, E
B, C, E
UA, UB
P
J
TERMINATION
FINISH
100 % tin
Case UA: 100 % tin
Case UB: Ni / Pd / Au
100 % tin
Sintered niobium
Carbon / silver coating
MnO
2
Solderable anode termination
Solderable cathode termination
Leadframe
Silver adhesive
Epoxy encapsulation
Tantalum wire
Supporter


Similar Part No. - TMCTXC1A226TRF

ManufacturerPart #DatasheetDescription
logo
HolyStone International
TMCTXC1A226 HOLYSTONECAPS-TMCTXC1A226 Datasheet
62Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TMCTXC1A226TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TF3 VISHAY-TF3 Datasheet
631Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT?? Molded Case, Built-In-Fuse
Revision: 13-Sep-16
893D VISHAY-893D Datasheet
136Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Built-In-Fuse Miniature, Molded-Case
Revision: 08-Feb-08
T86 VISHAY-T86 Datasheet
104Kb / 6P
   Solid Tantalum Surface Mount TANTAMOUNT짰, Molded Case, Hi-Rel COTS, Low ESR, Built-In-Fuse
Revision: 31-Jan-11
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
TMCJ VISHAY-TMCJ Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
TMCM VISHAY-TMCM Datasheet
275Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Extended Range
Revision: 26-Oct-17
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
   Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Revision: 16-Jan-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com