Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMCSB0J685TRF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TMCSB0J685TRF
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Standard Industrial Grade
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCSB0J685TRF Datasheet(HTML) 4 Page - Vishay Siliconix

  TMCSB0J685TRF Datasheet HTML 1Page - Vishay Siliconix TMCSB0J685TRF Datasheet HTML 2Page - Vishay Siliconix TMCSB0J685TRF Datasheet HTML 3Page - Vishay Siliconix TMCSB0J685TRF Datasheet HTML 4Page - Vishay Siliconix TMCSB0J685TRF Datasheet HTML 5Page - Vishay Siliconix TMCSB0J685TRF Datasheet HTML 6Page - Vishay Siliconix TMCSB0J685TRF Datasheet HTML 7Page - Vishay Siliconix TMCSB0J685TRF Datasheet HTML 8Page - Vishay Siliconix TMCSB0J685TRF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TMCS
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
4
Document Number: 40177
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Test conditions per JIS C5101-1
POWER DISSIPATION
CASE CODE
MAXIMUM PERMISSIBLE POWER DISSIPATION AT +25 °C (W) IN FREE AIR
A
0.078
B
0.096
C
0.100
E
0.120
STANDARD PACKAGING QUANTITY
CASE CODE
UNITS PER 7" REEL
A
2000
B
2000
C
500
E
500
PERFORMANCE CHARACTERISTICS
ITEM
CONDITION
POST TEST PERFORMANCE
Temperature
characteristics
Measure the specified
characteristics in each stage
Specified
initial value
-55 °C
+85 °C
+125 °C
Capacitance change
-
-10 % to 0 %
0 % to +10 %
0 % to +12 %
Dissipation factor (%)
44
5
5
66
7
7
Leakage current
Not more
than 0.01 CV
or 0.5 μA
whichever is
greater
-
Not more
than 0.1 CV
or 5 μA
whichever is
greater
Not more
than 0.125 CV
or 6.25 μA
whichever is
greater
Solder heat
resistance
Solder dip: 260 °C ± 5 °C
A, B case: 10 s ± 1 s
C, E case: 5 s ± 0.5 s
Reflow 260 °C, 10 s ± 1 s
Capacitance change
Within ± 5 % of initial value
Dissipation factor
Shall not exceed initial specified value
Leakage current
Shall not exceed initial specified value
Moisture
resistance
no load
Leave at 40 °C and 90 % to
95 % RH for 500 h
Capacitance change
Within ± 5 % of initial value
Dissipation factor
Shall not exceed initial specified value
Leakage current
Shall not exceed initial specified value
High
temperature
load
85 °C. The rated voltage is
applied for 2000 h
Capacitance change
Within ± 10 % of initial value
Dissipation factor
Shall not exceed initial specified value
Leakage current
Shall not exceed 125 % of initial specified value
Thermal shock
Leave at -55 °C, normal
temperature, 125 °C, and
normal temperature for 30 min,
3 min, 30 min, and 3 min.
Repeat this operation 20 times
running
Capacitance change
Within ± 5 % of initial value
Dissipation factor
Shall not exceed initial specified value
Leakage current
Shall not exceed initial specified value
Moisture
resistance
load
Leave at 40 °C and 90 % to
95 % RH. The rated voltage
applied for 500 h
Capacitance change
Within ± 10 % of initial value
Dissipation factor
Shall not exceed 150 % of initial specified value
Leakage current
Shall not exceed 125 % of initial specified value
Failure rate
85 °C. The rated voltage is
applied through a protective
resistor of 1
/V
1 % / 1000 h


Similar Part No. - TMCSB0J685TRF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
TMCSB0J685 HITACHI-TMCSB0J685 Datasheet
66Kb / 2P
   Standard Tantalum Chip Capacitors
logo
HolyStone International
TMCSB0J685 HOLYSTONECAPS-TMCSB0J685 Datasheet
61Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TMCSB0J685TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D107X96R3B2TE3 VISHAY-293D107X96R3B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT짰, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D107X9020E2TE3 VISHAY-293D107X9020E2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 21-Mar-13
293D225X9020B2TE3 VISHAY-293D225X9020B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT , Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
293D105X9035B2T VISHAY-293D105X9035B2T Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
293D157X0016E2TE3 VISHAY-293D157X0016E2TE3 Datasheet
469Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 18-Mar-14
293D475X9025C2T VISHAY-293D475X9025C2T Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
293D106X9025D2TE3 VISHAY-293D106X9025D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D106X9035D2TE3 VISHAY-293D106X9035D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D336X9010B2TE3 VISHAY-293D336X9010B2TE3 Datasheet
466Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 12-Feb-14
293D226X9010B2TE3 VISHAY-293D226X9010B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com