Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

195D106X0004S8W Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 195D106X0004S8W
Description  Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

195D106X0004S8W Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button 195D106X0004S8W Datasheet HTML 3Page - Vishay Siliconix 195D106X0004S8W Datasheet HTML 4Page - Vishay Siliconix 195D106X0004S8W Datasheet HTML 5Page - Vishay Siliconix 195D106X0004S8W Datasheet HTML 6Page - Vishay Siliconix 195D106X0004S8W Datasheet HTML 7Page - Vishay Siliconix 195D106X0004S8W Datasheet HTML 8Page - Vishay Siliconix 195D106X0004S8W Datasheet HTML 9Page - Vishay Siliconix 195D106X0004S8W Datasheet HTML 10Page - Vishay Siliconix 195D106X0004S8W Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
195D
www.vishay.com
Vishay Sprague
Revision: 09-Nov-17
7
Document Number: 40001
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
35 VDC AT +85 °C, 23 VDC AT +125 °C
0.10
A
195D104(1)035A(2)(3)
0.5
6
0.15
A
195D154(1)035A(2)(3)
0.5
6
0.22
A
195D224(1)035A(2)(3)
0.5
6
0.33
B
195D334(1)035B(2)(3)
0.5
6
0.33
C
195D334(1)035C(2)(3)
0.5
4
0.47
B
195D474(1)035B(2)(3)
0.5
6
0.47
S
195D474(1)035S(2)(3)
0.5
4
0.68
D
195D684(1)035D(2)(3)
0.5
6
0.68
S
195D684(1)035S(2)(3)
0.5
4
1.0
D
195D105(1)035D(2)(3)
0.5
6
1.0
S
195D105(1)035S(2)(3)
0.5
4
1.5
E
195D155(1)035E(2)(3)
0.5
6
1.5
V
195D155(1)035V(2)(3)
0.5
6
2.2
F
195D225(1)035F(2)(3)
0.8
6
2.2
X
195D225(1)035X(2)(3)
0.8
6
3.3
F
195D335(1)035F(2)(3)
1.2
6
3.3
Y
195D335(1)035Y(2)(3)
1.2
6
4.7
G
195D475(1)035G(2)(3)
1.6
6
4.7
Z
195D475(1)035Z(2)(3)
1.6
6
6.8
H
195D685(1)035H(2)(3)
2.4
6
6.8
Z
195D685(1)035Z(2)(3)
2.4
6
10
Z
195D106(1)035Z(2)(3)
3.5
6
15
R
195D156(1)035R(2)(3)
5.3
6
22
R
195D226(1)035R(2)(3)
7.7
6
40 VDC AT +85 °C, 23 VDC TO 25 VDC AT +125 °C
0.10
A
195D104(1)040A(2)(3)
0.5
6
0.15
A
195D154(1)040A(2)(3)
0.5
6
0.22
A
195D224(1)040A(2)(3)
0.5
6
0.33
B
195D334(1)040B(2)(3)
0.5
6
0.47
B
195D474(1)040B(2)(3)
0.5
6
0.68
D
195D684(1)040D(2)(3)
0.5
6
1.0
D
195D105(1)040D(2)(3)
0.5
6
1.5
E
195D155(1)040E(2)(3)
0.5
6
2.2
F
195D225(1)040F(2)(3)
0.8
6
3.3
F
195D335(1)040F(2)(3)
1.2
6
4.7
G
195D475(1)040G(2)(3)
1.6
6
6.8
H
195D685(1)040H(2)(3)
2.4
6
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz (%)
Note
• Part number definitions:
(1) Tolerance: for 10 % tolerance, specify “X9”, for 20 % tolerance, change to “X0”
(2) Termination: for 100 % tin specify “2”, for gold plated specify “4”, for solder plated 60/40 specify “8”
(3) Packaging code: for 7" reels specify “T”, for 13" reels specify “W”


Similar Part No. - 195D106X0004S8W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D106X0004S8T VISHAY-195D106X0004S8T Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
More results

Similar Description - 195D106X0004S8W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
695D VISHAY-695D_17 Datasheet
320Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
194D VISHAY-194D_17 Datasheet
309Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
195D476X0020R2T VISHAY-195D476X0020R2T Datasheet
348Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 28-Jun-13
695D VISHAY-695D Datasheet
198Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated
Revision 15-Feb-05
195D VISHAY-195D Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
195D106X9035Z2T VISHAY-195D106X9035Z2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D226X0035R2T VISHAY-195D226X0035R2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
194D475X0050H2B VISHAY-194D475X0050H2B Datasheet
93Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D VISHAY-195D_08 Datasheet
118Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated
Revision: 05-May-08
595D VISHAY-595D_17 Datasheet
334Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV
Revision: 21-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com