Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

594D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 594D
Description  Solid Tantalum Chip Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

594D Datasheet(HTML) 2 Page - Vishay Siliconix

  594D Datasheet HTML 1Page - Vishay Siliconix 594D Datasheet HTML 2Page - Vishay Siliconix 594D Datasheet HTML 3Page - Vishay Siliconix 594D Datasheet HTML 4Page - Vishay Siliconix 594D Datasheet HTML 5Page - Vishay Siliconix 594D Datasheet HTML 6Page - Vishay Siliconix 594D Datasheet HTML 7Page - Vishay Siliconix 594D Datasheet HTML 8Page - Vishay Siliconix 594D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
594D
www.vishay.com
Vishay Sprague
Revision: 21-Jun-17
2
Document Number: 40006
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
1.0
B
2.2
B
3.3
B
4.7
BB
C
6.8
BC
C / D
10
BB
15
B
B
C
C / D
R
22
BBB
B / C
C
D / R
33
B
B
B / C
D
R
47
B
B / C
C / D
D / R
R
68
B
B / C
C / D
D
D / R
100
B
B
B / C
C / D
C / D
R
120
C
C
R
R
150
B / C
C / D
D
D
180
D
R
220
C / D
C / D / R
D / R
270
D
330
C
C / D
D / R
R
390
R
470
C / R
D / R
R
680
D
R
R
1000
R
1500
R
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
4 VDC AT+85 °C, 2.7 VDC AT +125 °C
33
B
594D336(1)004B(2)(3)
1.30
6
0.380
0.47
100
B
594D107(1)004B(2)(3)
4.00
8
0.300
0.53
150
B
594D157(1)004B(2)(3)
6.00
8
0.250
0.58
150
C
594D157(1)004C(2)(3)
6.00
8
0.080
1.17
270
D
594D277(1)004D(2)(3)
10.80
8
0.060
1.58
330
C
594D337(1)004C(2)(3)
13.20
8
0.080
1.17
470
C
594D477(1)004C(2)(3)
18.80
10
0.075
1.21
470
R
594D477(1)004R(2)(3)
18.80
10
0.045
2.36
680
D
594D687(1)004D(2)(3)
27.20
12
0.060
1.58
1500
R
594D158(1)004R(2)(3)
60.00
20
0.030
2.89
6.3 VDC AT +85 °C, 4 VDC AT +125 °C
22
B
594D226(1)6R3B(2)(3)
1.40
6
0.380
0.47
68
B
594D686(1)6R3B(2)(3)
4.30
6
0.319
0.52
100
B
594D107(1)6R3B(2)(3)
6.30
8
0.250
0.58
120
C
594D127(1)6R3C(2)(3)
7.60
8
0.085
1.14
220
C
594D227(1)6R3C(2)(3)
13.90
8
0.080
1.17
220
D
594D227(1)6R3D(2)(3)
13.90
8
0.065
1.52
330
C
594D337(1)6R3C(2)(3)
20.80
8
0.080
1.17
330
D
594D337(1)6R3D(2)(3)
20.80
8
0.060
1.58
390
R
594D397(1)6R3R(2)(3)
24.60
8
0.045
2.36
470
D
594D477(1)6R3D(2)(3)
29.60
8
0.060
1.58
470
R
594D477(1)6R3R(2)(3)
29.60
10
0.050
2.24
680
R
594D687(1)6R3R(2)(3)
42.80
10
0.045
2.36
1000
R
594D108(1)6R3R(2)(3)
63.00
16
0.030
2.89
Note
• Part number definitions:
(1) Tolerance: for 10 % tolerance, specify “X9”; for 20 % tolerance, change to “X0”
(2) Termination: for 100 % tin specify “2”, for gold plated specify “4”, for solder plated 60/40 specify “8”
(3) Packaging code: for 7" reels specify “T”, for 13" reels specify “W”.


Similar Part No. - 594D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D Datasheet
195Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV, Low ESR
Revision 09-Mar-05
594D VISHAY-594D Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
594D VISHAY-594D Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT짰, Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D100X0-004B2T VISHAY-594D100X0-004B2T Datasheet
195Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV, Low ESR
Revision 09-Mar-05
594D100X0-004C2T VISHAY-594D100X0-004C2T Datasheet
195Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV, Low ESR
Revision 09-Mar-05
More results

Similar Description - 594D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com