Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPS-3082GC-24V Datasheet(PDF) 4 Page - ORing Industrial Networking Corp

Part # IPS-3082GC-24V
Description  Industrial 10-port managed PoE Ethernet switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IPS-3082GC-24V Datasheet(HTML) 4 Page - ORing Industrial Networking Corp

  IPS-3082GC-24V Datasheet HTML 1Page - ORing Industrial Networking Corp IPS-3082GC-24V Datasheet HTML 2Page - ORing Industrial Networking Corp IPS-3082GC-24V Datasheet HTML 3Page - ORing Industrial Networking Corp IPS-3082GC-24V Datasheet HTML 4Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1-379
1-379
Designed for Rugged Excellence
O-Ring Indicator
Green : Indicate system operated in O-Ring mode
R.M. Indicator
Green : Indicate system operated in O-Ring Master mode
Fault Indicator
Amber : Indicate unexpected event occurred
10/100Base-T(X) RJ45 Port Indicator
Green for port Link/Act. Amber for Duplex/Collision
10/100/1000Base-T(X) RJ45 Port Indicator
Green for Link/Act. Amber for 100Mbps indicator
100/1000Base-X Fiber Port Indicator
Green for port Link/Act.
Fault contact
Relay
Relay output to carry capacity of 1A at 24VDC
Power
Redundant Input Power
Dual DC inputs. 24 ~ 36VDC on 6-pin terminal block
Power Consumption (Typ.)
11.52Watts (power consumption of P.S.E. is not included)
Overload Current Protection
Present
Reverse Polarity Protection
NOT Present
Physical Characteristics
Enclosure
IP-30
Dimensions (W x D x H)
74.3(W)x109.2(D)x153.6(H) mm ( 2.93 x 4.3 x 6.05 inch.)
Weight (g)
1260 g
Environmental
Storage Temperature
-40 to 85°C (-40 to 185°F)
Operating Temperature
-40 to 70°C (-40 to 158°F)
Operating Humidity
5% to 95% Non-condensing
Regulatory Approvals
EMI
FCC Part 15, CISPR (EN55022) class A
EMS
EN61000-4-2 (ESD), EN61000-4-3 (RS), EN61000-4-4 (EFT), EN61000-4-5 (Surge), EN61000-4-6 (CS), EN61000-4-8,
EN61000-4-11
Shock
IEC60068-2-27
Free Fall
IEC60068-2-32
Vibration
IEC60068-2-6
Safety
EN60950-1
Warranty
5 years
Available
Model
Model Name
Description
IPS-3082GC-24V
Industrial 10-port managed PoE Ethernet switch with 8x10/100Base-T(X) P.S.E. and 2xGigabit combo ports, SFP
socket,24V power inputs
Packing List
IPS-3082GC-24V
DIN-Rail Kit
Wall-mount Kit
Console Cable
ORing Tool CD
Quick Installation Guide
Optional Accessories (Can be purchased separately)
Open-Vision M500, Powerful Network Management Windows Utility Suite, 500 IP device
SFP100 series, 100Mbps SFP optical transceiver
SFP1G series, 1Gbps SFP optical transceiver
DR-45-24 : 45 Watts@24VDC DIN-Rail power supply
DR-75-24 : 75 Watts@24VDC DIN-Rail power supply
DR-120-24 : 120 Watts@ee24VDC DIN-Rail power supply
IPS-3 AA B CC -24V
Ordering Information
Code Definition
10/100Base-T(X) P.S.E. Port Number
Additional Port Number
Additional Port Type
Option
- 08: 8 ports
- 2: 2 ports
- GC: Gigabit combo with SFP
Industrial Ethernet Switch DIN-Rail Managed Fast PoE Ethernet Switch
v2.0a / Feb, 2013


Similar Part No. - IPS-3082GC-24V

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IPS-3082GC-AT ORING-IPS-3082GC-AT Datasheet
1Mb / 4P
   Industrial 10-port managed PoE Ethernet switch
More results

Similar Description - IPS-3082GC-24V

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IPS-3082GC-AT ORING-IPS-3082GC-AT Datasheet
1Mb / 4P
   Industrial 10-port managed PoE Ethernet switch
TPS-3082GT-M12X-BP1 ORING-TPS-3082GT-M12X-BP1 Datasheet
3Mb / 5P
   10-port managed PoE Ethernet switch
TPS-3082GF-MM-M12-QODC ORING-TPS-3082GF-MM-M12-QODC Datasheet
1Mb / 4P
    10-port managed PoE Ethernet switch
TPS-B3082ET-M12-BP1 ORING-TPS-B3082ET-M12-BP1 Datasheet
2Mb / 5P
   10-port managed PoE Ethernet switch
TPS-3082GT-M12-BP1 ORING-TPS-3082GT-M12-BP1 Datasheet
3Mb / 5P
   10-port managed PoE Ethernet switch
IES-3073GC ORING-IES-3073GC Datasheet
1Mb / 4P
   Industrial 10-port managed Ethernet switch
IES-3082GP ORING-IES-3082GP Datasheet
1Mb / 4P
   Industrial 10-port managed Ethernet switch
IGPS-9842GTP ORING-IGPS-9842GTP Datasheet
2Mb / 6P
   Industrial 14-port managed Gigabit PoE Ethernet switch
IGPS-9084GP-60W ORING-IGPS-9084GP-60W Datasheet
560Kb / 6P
   Industrial 12-port managed Gigabit PoE Ethernet switch
RGPS-92222GCP-NP ORING-RGPS-92222GCP-NP Datasheet
2Mb / 6P
   Industrial 26-port managed Gigabit PoE Ethernet switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com