Electronic Components Datasheet Search |
|
DG85A-2011-95-1006-M2NIL Datasheet(PDF) 1 Page - Willow Technologies Ltd |
|
DG85A-2011-95-1006-M2NIL Datasheet(HTML) 1 Page - Willow Technologies Ltd |
1 / 4 page Page 1 of 4 www.aecsensors.com Sales Department Tel: (888) 847-6552 DG85 series automotive / industrial relays Contacts Contact number & arrangement SPST-NO (1 Form A); SPDT (1 Form C) Contact material AgNi0.15; AgNi90/10; AgSnOInO; AgCdO Max. switching voltage DC 30VDC (current dependent - see Figs 5 & 6 ); DG85F 24VDC DG85A DG85B DG85C DG85D DG85F Max. continuous current SPST-NO 40A 60A 80A 100A 60A SPDT (NO/NC) 40A/30A 60A/40A 80A/60A - 60A/40A Max. switching current - make3 (AgSnOInO) SPST-NO 120A 120A 240A 240A 120A SPDT (NO/NC) 120A/45A 120A/45A 240/180A - 120A/45A Max. switching current - break SPST-NO 40A 60A 80A 100A 60A SPDT (NO/NC) 40A/30A 60A/40A 80A/60A - 60A/40A Min. switching current (DG85A = AgNi, others AgSnOInO) 0.1A 12VDC 0.5A 12VDC 0.5A 12VDC 0.5A 12VDC 0.5A 12VDC Contact gap >0.5mm >0.5mm >0.5mm ≤1.0mm >1.0mm Initial contact resistance <100mΩ, max. at 0.1A/6VDC Coil Rated voltage DC 6...24V Must release voltage ≥0.1Un Operating range of supply voltage See coil table 1 Rated power consumption DC 1.6W; 1.81W with resistor; DG85F, 2.3W Insulation Insulation resistance 100MΩ at 500VDC, 50%RH Dielectric strength coil to contact 500Vrms, 1min contact to contact 500Vrms, 1min General Data Operating time (typical) ms 7ms Release time (typical) ms 2 ms Electrical Life2 ops 1 x 105; DG85F only: 5 x 104, 60A/40A, 1 x 105, 40A/20A (NO/NC Contacts ) Mechanical life ops 1 x 107; DG85F only: 5 x 105 Dimensions L x W x H various - see dimensional drawings Weight 40g approx. depending on style and mounting Ambient temperature storage -40 to 155°C operating -40 to 125°C (derate above 85°C - consult factory) Shock resistance Functional: 20g 11mS; Destructive: 100g Vibration resistance DA 1.27mm 10-40Hz / 40-70Hz:5g / DA 0.5mm 100-500Hz: 10g • General purpose automotive or industrial relays • High inrush capabilities • PCB Mounting option • Ideal for DC Motor Control • High continuous DC current capacity- 100A • Industry standard size and footprint • DG85F optimised for 24VDC switching • RoHS Compliant Ref: DG85 021916JHM Specifications are liable to change without notice. E&OE . |
Similar Part No. - DG85A-2011-95-1006-M2NIL |
|
Similar Description - DG85A-2011-95-1006-M2NIL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |