Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IES-P3073GC-HV_EU Datasheet(PDF) 3 Page - ORing Industrial Networking Corp

Part # IES-P3073GC-HV_EU
Description  Industrial IEC 61850-3 10-port managed Ethernet switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IES-P3073GC-HV_EU Datasheet(HTML) 3 Page - ORing Industrial Networking Corp

  IES-P3073GC-HV_EU Datasheet HTML 1Page - ORing Industrial Networking Corp IES-P3073GC-HV_EU Datasheet HTML 2Page - ORing Industrial Networking Corp IES-P3073GC-HV_EU Datasheet HTML 3Page - ORing Industrial Networking Corp IES-P3073GC-HV_EU Datasheet HTML 4Page - ORing Industrial Networking Corp IES-P3073GC-HV_EU Datasheet HTML 5Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1-235
1-235
Designed for Rugged Excellence
(Unit=mm)
Dimensions
Specifications
ORing Switch Model
IES-P3073GC-LV
IES-P3073GC-HV
Physical Ports
10/100Base-T(X) Port in RJ45
Auto MDI/MDIX
7
Gigabit combo Ports with 10/100/1000Base-T(X) and
100/1000Base-X SFP Port
3
Technology
Ethernet Standards
IEEE 802.3 for 10Base-T
IEEE 802.3u for 100Base-TX and 100Base-FX
IEEE 802.3z for 1000Base-X
IEEE 802.3ab for 1000Base-T
IEEE 802.3x for Flow control
IEEE 802.3ad for LACP (Link Aggregation Control Protocol )
IEEE 802.1p for COS (Class of Service)
IEEE 802.1Q for VLAN Tagging
IEEE 802.1D for STP (Spanning Tree Protocol)
IEEE 802.1w for RSTP (Rapid Spanning Tree Protoco)
IEEE 802.1D-2004 for RSTP:2004 (Rapid Spanning Tree Protocol 2004)
IEEE 802.1s for MSTP (Multiple Spanning Tree Protocol)
MAC Table
8192 MAC addresses
Priority Queues
4
Processing
Store-and-Forward
Switch Properties
Switching latency: 7 us
Switching bandwidth: 7.4Gbps
Max. Number of Available VLANs: 4096
IGMP multicast groups: 1024
Port rate limiting: User Define
Security Features
Enable/disable ports, MAC based port security
Port based network access control (802.1x)
VLAN (802.1Q ) to segregate and secure network traffic
Supports Q-in-Q VLAN for performance & security to expand the VLAN space
Radius centralized password management
SNMP v1/v2c/v3 encrypted authentication and access security
Https / SSH enhance network security
v2.0a / Dec, 2011
Industrial Ethernet Switch DIN-Rail Managed Ethernet Switch


Similar Part No. - IES-P3073GC-HV_EU

ManufacturerPart #DatasheetDescription
logo
Level One
IES-0500 LVL1-IES-0500 Datasheet
386Kb / 2P
   5 FE Unmanaged Switch -10 to 60, DIN-rail
IES-0510 LVL1-IES-0510 Datasheet
384Kb / 2P
   4 FE plus 1 MM SC Unmanaged Switch -10 to 60, DIN-rail
IES-0520 LVL1-IES-0520 Datasheet
531Kb / 2P
   4 FE plus 1 MM SC Unmanaged Switch -40 to 75, DIN-rail
IES-0521 LVL1-IES-0521 Datasheet
522Kb / 2P
   4 x 802.3af plus 1 FE Unmanaged Switch -40 to 75C, Desktop
IES-0522 LVL1-IES-0522 Datasheet
2Mb / 2P
   Provides wall and desktop mounting
More results

Similar Description - IES-P3073GC-HV_EU

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGS-P9164 ORING-IGS-P9164 Datasheet
2Mb / 7P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IGS-P9812GP ORING-IGS-P9812GP Datasheet
2Mb / 5P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
RES-P9242GCL ORING-RES-P9242GCL Datasheet
509Kb / 7P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
RES-P3242GCL ORING-RES-P3242GCL Datasheet
1Mb / 4P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
RGS-P9160M1 ORING-RGS-P9160M1 Datasheet
666Kb / 11P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160M2 ORING-RGS-P9160M2 Datasheet
520Kb / 8P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-PR9000 ORING-RGS-PR9000 Datasheet
2Mb / 6P
   Industrial Layer-3 IEC 61850-3 modular rack mount managed Gigabit Ethernet switch
logo
Moxa Inc.
PT-510 MOXA-PT-510 Datasheet
792Kb / 6P
   IEC 61850-3 10-port Layer 2 DIN-rail managed Ethernet switches
logo
ORing Industrial Networ...
IES-3073GC ORING-IES-3073GC Datasheet
1Mb / 4P
   Industrial 10-port managed Ethernet switch
IES-3082GP ORING-IES-3082GP Datasheet
1Mb / 4P
   Industrial 10-port managed Ethernet switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com