Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGS-9084GP-FB2 Datasheet(PDF) 2 Page - ORing Industrial Networking Corp

Part # IGS-9084GP-FB2
Description  Industrial 12-port managed Gigabit bypass Ethernet switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IGS-9084GP-FB2 Datasheet(HTML) 2 Page - ORing Industrial Networking Corp

  IGS-9084GP-FB2 Datasheet HTML 1Page - ORing Industrial Networking Corp IGS-9084GP-FB2 Datasheet HTML 2Page - ORing Industrial Networking Corp IGS-9084GP-FB2 Datasheet HTML 3Page - ORing Industrial Networking Corp IGS-9084GP-FB2 Datasheet HTML 4Page - ORing Industrial Networking Corp IGS-9084GP-FB2 Datasheet HTML 5Page - ORing Industrial Networking Corp IGS-9084GP-FB2 Datasheet HTML 6Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1-157
1-157
Designed for Rugged Excellence
O-Ring : O-Ring is ORing's proprietary redundant ring technology, with recovery time of less 30 milliseconds and up to 250 nodes. The O-Ring r
edundant ring technology can protect mission-critical application from network interruptions or temporary malfunction with its fast recover
technology.
Open-Ring : Open-Ring is an enhanced redundant technology that makes ORing's switches compatible with other vendor's proprietary redundant
ring technologies. It enables ORing's switches to form a single ring with other vendor's switch. In cases where the ring is setup using proprietary
technology, ORing offers a compatibility service where ORing can make its switches compatible with your particular network requirements.
O-Chain : O-Chain is the revolutionary network redundancy technology that provides the add-on network redundancy topology for any backbone
network, O-Chain allows multiple redundant network rings of different redundancy protocols to join and function together as a larger and more robust
compound network topology. O-Chain providing ease-of-use while maximizing fault-recovery swiftness, flexibility, compatibility, and cost-
effectiveness in one set of network redundancy topology.
MRP*NOTE : Media Redundancy Protocol (MRP) is a data network protocol standardized by the IEC 62439-2. It allows rings of Ethernet switches to
overcome any single failure with recovery time much faster than achievable with Spanning Tree Protocol.
IP-based Bandwidth Management : The switch provide advanced IP-based bandwidth management which can limit the maximum bandwidth
for each IP device. User can configure IP camera and NVR with more bandwidth and limit other device bandwidth.
Application-Based QoS : The switch also support application-based QoS. Application-based QoS can set highest priority for data stream according
to TCP/UDP port number.
Device Binding Function : ORing special Device Binding function can only permit allowed IP address with MAC address to access the network.
Hacker cannot access the IP surveillance network without permission. It can avoid hacker from stealing video privacy data and attacking IP camera,
NVR and controllers.
Advanced DOS/DDOS Auto Prevention : The switch also provided advanced DOS/DDOS auto prevention. If there is any IP flow become big in
short time, the switch will lock the source IP address for certain time to prevent the attack. It's hardware based prevention so it can prevent DOS/DDOS
attack immediately and completely.
IEEE 1588v2 Technology : The IEEE 1588v2 technology can fulfill precision time synchronization requirements for protection and control
applications.
Modbus TCP : This is a Modbus variant used for communications over TCP/IP networks.
IEEE 802.3az Energy-Efficient Ethernet : This is a set of enhancements to the twisted-pair and backplane Ethernet family of networking
standards that will allow for less power consumption during periods of low data activity. The intention was to reduce power consumption by 50% or
more.
Industrial Ethernet Switch DIN-Rail Managed Gigabit Ethernet Switch
v1.0a Jun, 2014
*NOTE: This function is available by request only


Similar Part No. - IGS-9084GP-FB2

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGS-9084GP ORING-IGS-9084GP Datasheet
4Mb / 5P
   Industrial 12-port managed Gigabit Ethernet switch
More results

Similar Description - IGS-9084GP-FB2

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGS-9084GP ORING-IGS-9084GP Datasheet
4Mb / 5P
   Industrial 12-port managed Gigabit Ethernet switch
IGPS-9084GP-60W ORING-IGPS-9084GP-60W Datasheet
560Kb / 6P
   Industrial 12-port managed Gigabit PoE Ethernet switch
IGPS-9084GP-L ORING-IGPS-9084GP-L Datasheet
557Kb / 6P
   Industrial 12-port managed Gigabit PoE Ethernet switch
IGPS-9084GP ORING-IGPS-9084GP Datasheet
2Mb / 6P
   Industrial 12-port managed Gigabit PoE Ethernet switch
TGS-9120-M12 ORING-TGS-9120-M12 Datasheet
4Mb / 7P
   12-port managed Gigabit Ethernet switch
IGS-9168GP ORING-IGS-9168GP Datasheet
2Mb / 5P
   Industrial 24-port managed Gigabit Ethernet switch
IGS-3044GC ORING-IGS-3044GC Datasheet
1Mb / 4P
   Industrial 8-port managed Gigabit Ethernet switch
logo
Axiomtek Co., Ltd.
EX65000 AXIOMTEK-EX65000 Datasheet
1Mb / 2P
   Managed Industrial 8-port Gigabit Ethernet Switch
logo
ORing Industrial Networ...
IGS-9080 ORING-IGS-9080 Datasheet
1Mb / 5P
   Industrial 8-port managed Gigabit Ethernet switch
IGS-9164GF ORING-IGS-9164GF Datasheet
2Mb / 6P
   Industrial 20-port managed Gigabit Ethernet switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com