Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IES-3162GC Datasheet(PDF) 1 Page - ORing Industrial Networking Corp

Part # IES-3162GC
Description  Industrial 18-port managed Ethernet switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IES-3162GC Datasheet(HTML) 1 Page - ORing Industrial Networking Corp

  IES-3162GC Datasheet HTML 1Page - ORing Industrial Networking Corp IES-3162GC Datasheet HTML 2Page - ORing Industrial Networking Corp IES-3162GC Datasheet HTML 3Page - ORing Industrial Networking Corp IES-3162GC Datasheet HTML 4Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.oring-networking.com
1-208
Open-Vision
ORing's switches are intelligent switches. Different from other traditional redundant switches, ORing provides a set of Windows utility (Open-Vision) for user
to manage and monitor all of industrial Ethernet switches on the industrial network.
Industrial 18-port managed Ethernet switch with
16x10/100Base-T(X) and 2xGigabit combo ports, SFP socket
IES-3162GC
Fastest Redundant Ethernet Ring : O-Ring
(recovery time < 10ms over 250 units of connection)
Open-Ring supports other vendors' ring technology in open architecture
O-Chain allow multiple redundant network rings
Support standard IEC 62439-2 MRP*NOTE (Media Redundancy Protocol) function
Support Modbus TCP protocol
STP/RSTP:2004/MSTP supported
Support IPV6 new internet protocol version
Supports PTP Client (Precision Time Protocol) clock synchronization
Provided HTTPS/SSH protocol to enhance network security
IGMP v2/v3 (IGMP snooping for support) filtering multicast traffic
Port Trunking for easy of bandwidth management
SNMP V1/V2c/V3 support for secured network management
RMON for traffic monitoring
Supports LLDP protocol
Event notification through Syslog, Email, SNMP trap, and Relay Output
Port lock to prevent access from unauthorized MAC address
Windows utility (Open-Vision) supporting centralized management and
configurable by Web-based, Telnet, and Console (CLI)
Supports two Gigabit combo ports
Support TACACS+ and 802.1x User Authentication for security
Rigid IP-30 housing design
DIN-Rail and wall mounting enabled
IES-3162GC is the managed Redundant Ring Ethernet switch with 16x10/100Base-T(X) ports and 2xgigabit combo ports. With complete support of
Ethernet Redundancy protocol, O-Ring (recovery time < 10ms over 250 units of connection), Open-Ring, and MSTP/RSTP:2004/STP (IEEE 802.1s/w/D) can
protect your mission-critical applications from network interruptions or temporary malfunctions with its fast recovery technology. All function of IES-3162GC
can be managed centralized and convenient by a powerful windows utility — Open-Vision. In addition, the wide operating temperature range from -40 to
70°C can satisfy most of operating environment. Therefore, the switch is one of the most reliable choice for highly-managed and Fiber Ethernet application.
Introduction
Features
v2.0a / Dec, 2011
Industrial Ethernet Switch DIN-Rail Managed Ethernet Switch
IES-3162GC
*NOTE: This function is available by request only


Similar Part No. - IES-3162GC

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IES-3160 ORING-IES-3160 Datasheet
1Mb / 4P
   Industrial 16-port managed Ethernet switch
More results

Similar Description - IES-3162GC

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
TES-3162GT-M12-BP1 ORING-TES-3162GT-M12-BP1 Datasheet
3Mb / 5P
   18-port managed Ethernet switch
IES-3073GC ORING-IES-3073GC Datasheet
1Mb / 4P
   Industrial 10-port managed Ethernet switch
IES-3082GP ORING-IES-3082GP Datasheet
1Mb / 4P
   Industrial 10-port managed Ethernet switch
IES-3160 ORING-IES-3160 Datasheet
1Mb / 4P
   Industrial 16-port managed Ethernet switch
TPS-3882GT-M12-BP1 ORING-TPS-3882GT-M12-BP1 Datasheet
3Mb / 6P
   18-port managed PoE Ethernet switch
IES-3080 ORING-IES-3080 Datasheet
1Mb / 5P
   Industrial 8-port managed Ethernet switch
IES-3240 ORING-IES-3240 Datasheet
1Mb / 4P
   Industrial 24-port managed Ethernet switch
TPS-3162GT-M12-BP1 ORING-TPS-3162GT-M12-BP1 Datasheet
3Mb / 6P
   18-port managed PoE Ethernet switch
IGS-9168GP ORING-IGS-9168GP Datasheet
2Mb / 5P
   Industrial 24-port managed Gigabit Ethernet switch
DES-3082GP-P ORING-DES-3082GP-P Datasheet
1Mb / 4P
   Industrial 10-port desktop managed Ethernet switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com