Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IES-3062FX-SS-SC Datasheet(PDF) 4 Page - ORing Industrial Networking Corp

Part # IES-3062FX-SS-SC
Description  Industrial 8-port managed Ethernet switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IES-3062FX-SS-SC Datasheet(HTML) 4 Page - ORing Industrial Networking Corp

  IES-3062FX-SS-SC Datasheet HTML 1Page - ORing Industrial Networking Corp IES-3062FX-SS-SC Datasheet HTML 2Page - ORing Industrial Networking Corp IES-3062FX-SS-SC Datasheet HTML 3Page - ORing Industrial Networking Corp IES-3062FX-SS-SC Datasheet HTML 4Page - ORing Industrial Networking Corp IES-3062FX-SS-SC Datasheet HTML 5Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1-227
1-227
Designed for Rugged Excellence
Software Features
STP/RSTP:2004/MSTP (IEEE 802.1D/w/s)
Redundant Ring (O-Ring) with recovery time less than 10ms over 250 units
TOS/Diffserv supported
Quality of Service (802.1p) for real-time traffic
VLAN (802.1Q) with VLAN tagging and GVRP supported
IGMP Snooping for multicast filtering
Port configuration, status, statistics, monitoring, security
SNTP for synchronizing of clocks over network
Support PTP Client (Precision Time Protocol) clock synchronization
DHCP Server / Client support
Port Trunk support
MVR (Multicast VLAN Registration) support
Modbus TCP
Network Redundancy
O-Ring
Open-Ring
O-Chain
STP
RSTP:2004
MSTP
MRP*NOTE
Warning / Monitoring System
Relay output for fault event alarming
Syslog server / client to record and view events
Include SMTP for event warning notification via email
Event selection support
RS-232 Serial Console Port
RS-232 in RJ45 connector with console cable. Baud rate setting: 9600bps, 8, N, 1
LED Indicators
Power Indicator
Green : Power LED x 3
R.M. Indicator
Green : Indicates that the system is operating in O-Ring Master mode
O-Ring Indicator
Green : Indicates that the system is operating in O-Ring mode
Fault Indicator
Amber : Indicates unexpected events occurred
10/100Base-T(X) RJ45 Port Indicator
Green for port Link/Act. Amber for Duplex/Collision
10/100/1000Base-T(X) / Fiber Port Indicator
Green for port Link/Act. Amber for 100Mbps indicator
Fault contact
Relay
Relay output to carry capacity of 1A at 24VDC
Power
Redundant Input Power
Triple DC inputs. 12~48VDC on 7-pin terminal block, 12~45VDC on power jack
Power Consumption (Typ.)
5 Watts
8 Watts
9 Watts
9 Watts
7 Watts
7 Watts
Overload Current Protection
Present
Reverse Polarity Protection
Present on terminal block
Physical Characteristics
Enclosure
IP-30
Dimensions (W x D x H)
52(W)x106.1(D)x144.3(H) mm (2.05x4.18x5.68 inch.)
Weight (g)
710 g
722 g
735 g
735 g
740 g
740 g
Environmental
Storage Temperature
-40 to 85°C (-40 to 185°F)
Operating Temperature
-40 to 70°C (-40 to 158°F)
Operating Humidity
5% to 95% Non-condensing
Regulatory Approvals
EMI
FCC Part 15, CISPR (EN55022) class A
EMS
EN61000-4-2 (ESD), EN61000-4-3 (RS), EN61000-4-4 (EFT), EN61000-4-5 (Surge), EN61000-4-6 (CS), EN61000-4-8,
EN61000-4-11
Shock
IEC60068-2-27
Free Fall
IEC60068-2-32
Vibration
IEC60068-2-6
Safety
EN60950-1, UL508(E331061)
MTBF (Hours) (MIL-HDBK-217F2, GB, GC, 25°C)
324,409
287,493
280,176
280,176
290,610
290,610
Warranty
5 years
Industrial Ethernet Switch DIN-Rail Managed Ethernet Switch
v2.0a/ Dec, 2011
*NOTE: This function is available by request only


Similar Part No. - IES-3062FX-SS-SC

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IES-3073GC ORING-IES-3073GC Datasheet
1Mb / 4P
   Industrial 10-port managed Ethernet switch
IES-3082GC ORING-IES-3082GC Datasheet
1Mb / 4P
   10-port managed Ethernet switch
IES-3082GP ORING-IES-3082GP Datasheet
1Mb / 4P
   Industrial 10-port managed Ethernet switch
More results

Similar Description - IES-3062FX-SS-SC

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGS-3044GC ORING-IGS-3044GC Datasheet
1Mb / 4P
   Industrial 8-port managed Gigabit Ethernet switch
logo
Axiomtek Co., Ltd.
EX65000 AXIOMTEK-EX65000 Datasheet
1Mb / 2P
   Managed Industrial 8-port Gigabit Ethernet Switch
logo
ORing Industrial Networ...
IGS-9080 ORING-IGS-9080 Datasheet
1Mb / 5P
   Industrial 8-port managed Gigabit Ethernet switch
TES-3080-M12 ORING-TES-3080-M12 Datasheet
3Mb / 5P
   Industrial EN50155 8-port managed Ethernet switch
IGPS-9080 ORING-IGPS-9080 Datasheet
2Mb / 6P
   Industrial 8-port managed Gigabit PoE Ethernet switch
TES-3080-M12-BP2 ORING-TES-3080-M12-BP2 Datasheet
3Mb / 5P
    8-port managed Ethernet switch
IES-3073GC ORING-IES-3073GC Datasheet
1Mb / 4P
   Industrial 10-port managed Ethernet switch
IES-3082GP ORING-IES-3082GP Datasheet
1Mb / 4P
   Industrial 10-port managed Ethernet switch
IES-3160 ORING-IES-3160 Datasheet
1Mb / 4P
   Industrial 16-port managed Ethernet switch
IES-3162GC ORING-IES-3162GC Datasheet
1Mb / 4P
   Industrial 18-port managed Ethernet switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com