Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IES-150B Datasheet(PDF) 3 Page - ORing Industrial Networking Corp

Part # IES-150B
Description  Industrial 5-port mini type unmanaged Ethernet switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IES-150B Datasheet(HTML) 3 Page - ORing Industrial Networking Corp

  IES-150B Datasheet HTML 1Page - ORing Industrial Networking Corp IES-150B Datasheet HTML 2Page - ORing Industrial Networking Corp IES-150B Datasheet HTML 3Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1
www.oring-networking.com
1-288
Available
Model
Model Name
Descripn
IES-150B
Industrial 5-port mini type unmanaged Ethernet switch with 5x10/100Base-T(X)
Packing List
IES-150B
DIN-Rail Kit
Wall-mount Kit
Quick Installation Guide
Optional Accessories (Can be purchased separately)
DR-45 series, 45W DIN-Rail power supply
DR-75 series, 75W DIN-Rail power supply
DR-120 series, 120W DIN-Rail power supply
PAA-121000, 12VDC/1000mA 12W Power Adapter with universal 100 to 240VAC input, US plug
PAE-121000, 12VDC/1000mA 12W Power Adapter with universal 100 to 240VAC input, EU plug
SDR-240-48, 240W DIN-Rail power supply
SDR-480-48, 480W DIN-Rail power supply
IES-1 A B B
Reverse Polarity Protection
Present
Physical Characteristics
Enclosure
IP-30
Dimensions (W x D x H)
26.1 (W) x 70 (D) x 95 (H)mm (1.03 x 2.76 x 3.74 inch)
Weight (g)
205 g
Environmental
Storage Temperature
-40 to 85°C (-40 to 185°F)
Operating Temperature
-40 to 70°C (-40 to 158°F)
Operating Humidity
5% to 95% Non-condensing
Regulatory Approvals
EMI
FCC Part 15, CISPR (EN55022) class A
EMS
EN61000-4-2 (ESD), EN61000-4-3 (RS), EN61000-4-4 (EFT), EN61000-4-5 (Surge), EN61000-4-6 (CS), EN61000-4-8,
EN61000-4-11
Shock
IEC60068-2-27
Free Fall
IEC60068-2-32
Vibration
IEC60068-2-6
Safety
EN60950-1
Warranty
5 years
Ordering Information
Code efinition
10/100Base-T(X) Port Number
Additional Port Number
Option
- 5: 5 ports
- 0: 0 port
v1.1 / Dec, 2011
Industrial Ethernet Switch DIN-Rail Unmanaged Ethernet Switch


Similar Part No. - IES-150B

ManufacturerPart #DatasheetDescription
logo
Level One
IES-1020 LVL1-IES-1020 Datasheet
512Kb / 2P
   8 x 802.3at plus 2GE SFP Combo Unmanaged Switch -40 to 75C
logo
ORing Industrial Networ...
IES-1041FX ORING-IES-1041FX Datasheet
1Mb / 4P
   Industrial slim type 5-port/6-port unmanaged Ethernet switch
IES-1041FX-MM-SC ORING-IES-1041FX-MM-SC Datasheet
1Mb / 4P
   Industrial slim type 5-port/6-port unmanaged Ethernet switch
IES-1041FX-SS-SC ORING-IES-1041FX-SS-SC Datasheet
1Mb / 4P
   Industrial slim type 5-port/6-port unmanaged Ethernet switch
IES-1042FX-MM-SC ORING-IES-1042FX-MM-SC Datasheet
1Mb / 4P
   Industrial slim type 5-port/6-port unmanaged Ethernet switch
More results

Similar Description - IES-150B

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGS-150B ORING-IGS-150B Datasheet
809Kb / 3P
   Industrial 5-port mini type unmanaged Gigabit Ethernet switch
IES-180B ORING-IES-180B Datasheet
683Kb / 3P
   Industrial 8-port mini type unmanaged Ethernet switch
logo
Advantech Co., Ltd.
EKI-2525-BE ADVANTECH-EKI-2525-BE Datasheet
373Kb / 2P
   5-port Unmanaged Industrial Ethernet Switch
EKI-2525I-BE ADVANTECH-EKI-2525I-BE Datasheet
373Kb / 2P
   5-port Unmanaged Industrial Ethernet Switch
logo
ORing Industrial Networ...
IES-1050 ORING-IES-1050 Datasheet
551Kb / 3P
   Industrial 5-port Unmanaged Ethernet Switch
logo
Advantech Co., Ltd.
EKI-2525-I ADVANTECH-EKI-2525-I Datasheet
373Kb / 2P
   5-port Unmanaged Industrial Ethernet Switch
EKI-2525-AE ADVANTECH-EKI-2525-AE Datasheet
373Kb / 2P
   5-port Unmanaged Industrial Ethernet Switch
logo
ORing Industrial Networ...
IES-1041FX ORING-IES-1041FX Datasheet
1Mb / 4P
   Industrial slim type 5-port/6-port unmanaged Ethernet switch
IGS-1050A ORING-IGS-1050A Datasheet
814Kb / 3P
   Industrial 5-port slim type unmanaged Gigabit Ethernet switch
IES-1050A ORING-IES-1050A Datasheet
787Kb / 3P
   Industrial Slim Type 5/8-port unmanaged Ethernet switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com