Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T540D476M016AH6710 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T540D476M016AH6710
Description  Tantalum, Polymer Tantalum, COTS, T540_COTS, 47 uF, 20%, 16 V, 7343, SMD, Polymer, Molded, COTS, N/A, 65 mOhms, Height Max = 3.1mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T540D476M016AH6710 Datasheet(HTML) 1 Page - Kemet Corporation

  T540D476M016AH6710 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - d45f7a36-5545-4795-b4ff-7f1fa20ee446
KEMET Part Number: T540D476M016AH6710
(04051-034B)
Tantalum, Polymer Tantalum, COTS, T540_COTS, 47 uF, 20%, 16 V, 7343, SMD, Polymer, Molded, COTS, N/A, 65 mOhms, Height
Max = 3.1mm
Dimensions
Footprint
7343
L
7.3mm +/-0.3mm
W
4.3mm +/-0.3mm
H
2.8mm +/-0.3mm
T
0.13mm REF
S
1.3mm +/-0.3mm
F
2.4mm +/-0.1mm
A
3.8mm MIN
B
0.5mm +/-0.15mm
E
3.5mm REF
G
3.5mm REF
P
0.9mm REF
R
1mm REF
X
0.1mm +/-0.1mm
Packaging Specifications
Weight: 352.36 mg
Packaging: T&R, 178mm
Packaging Quantity: 500
General Information
Dielectric: Polymer Tantalum
Style: SMD Chip
Series: T540_COTS
Description: SMD, Polymer, Molded, COTS
Features: Non-Combustible, Low ESR,
COTS
RoHS: No
Termination: Solder Coated
Approvals: DLA Drawing 04051
Notes:
In Polarity Stripe, At KEMET's
Option, Type May Be Indicated:
No Symbol = Standard (Or Low
Leakage) MnO2 Tantalum Chip,
O = LowESR T494, R = Low
ESR T495, F = Fused T496,
HT = 150C Rated T498 (or
B45196P, B45198P), H = 175C
rated T499, M = Multiple Anode
Specifications
Capacitance: 47 uF
Capacitance Tolerance: 20%
Voltage DC: 16 VDC (85C), 10.72 VDC
(125C)
Temperature Range: -55/+125C
Dissipation Factor: 10% 120Hz 25C
Failure Rate: N/A
Resistance: 65 mOhms (100kHz 25C)
Current: 1861 mAmps (100kHz 45C)
Leakage Current: 76 uA (5min 25C)
Testing and Reliability:
10 Cycles Surge Current Testing
At -55C +0C/-5C And +85C
+/-5C After Voltage Aging
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T540D476M016AH6710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
T540D476M016AH6520 TI-T540D476M016AH6520 Datasheet
2Mb / 33P
[Old version datasheet]   TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
APRIL 2021
More results

Similar Description - T540D476M016AH6710

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T540D227M010AH6710 KEMET-T540D227M010AH6710 Datasheet
82Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T540_COTS, 220 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, COTS, N/A, 25 mOhms, Height Max = 3.1mm
T540D475M063AH6510 KEMET-T540D475M063AH6510 Datasheet
82Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T540_COTS, 4.7 uF, 20%, 63 V, 7343, SMD, Polymer, Molded, COTS, N/A, 120 mOhms, Height Max = 3.1mm
T540D106M050AH6710 KEMET-T540D106M050AH6710 Datasheet
82Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T540_COTS, 10 uF, 20%, 50 V, 7343, SMD, Polymer, Molded, COTS, N/A, 125 mOhms, Height Max = 3.1mm
T540D156M035AH6510 KEMET-T540D156M035AH6510 Datasheet
82Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T540_COTS, 15 uF, 20%, 35 V, 7343, SMD, Polymer, Molded, COTS, N/A, 100 mOhms, Height Max = 3.1mm
T540D157M010AH6710 KEMET-T540D157M010AH6710 Datasheet
82Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T540_COTS, 150 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, COTS, N/A, 55 mOhms, Height Max = 3.1mm
T540D336M020BH6510 KEMET-T540D336M020BH6510 Datasheet
73Kb / 1P
   T540_COTS, Tantalum, Polymer Tantalum, COTS, 33 uF, 20%, 20 V, SMD, Polymer, Molded, COTS, B (0.1%/1000 Hrs), 75mOhms, 7343, Height Max = 3.1mm
T540B336M010AH6710 KEMET-T540B336M010AH6710 Datasheet
82Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T540_COTS, 33 uF, 20%, 10 V, 3528, SMD, Polymer, Molded, COTS, N/A, 80 mOhms, Height Max = 2mm
T540D337M006BH8510 KEMET-T540D337M006BH8510 Datasheet
82Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T540_COTS, 330 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, COTS, B (0.1%/1000 Hrs), 40mOhms, Height Max = 3.1mm
T543D475M063AHE075 KEMET-T543D475M063AHE075 Datasheet
82Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T543_COTS, 4.7 uF, 20%, 63 V, 7343, SMD, Polymer, Molded, COTS, Up Screening, N/A, 75mOhms, Height Max = 3.1mm
T543D107K016ATE035 KEMET-T543D107K016ATE035 Datasheet
82Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T543_COTS, 100 uF, 10%, 16 V, 7343, SMD, Polymer, Molded, COTS, Up Screening, N/A, 35mOhms, Height Max = 3.1mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com