Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC90101FG Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC90101FG
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC90101FG Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC90101FG Datasheet HTML 4Page - Toshiba Semiconductor TC90101FG Datasheet HTML 5Page - Toshiba Semiconductor TC90101FG Datasheet HTML 6Page - Toshiba Semiconductor TC90101FG Datasheet HTML 7Page - Toshiba Semiconductor TC90101FG Datasheet HTML 8Page - Toshiba Semiconductor TC90101FG Datasheet HTML 9Page - Toshiba Semiconductor TC90101FG Datasheet HTML 10Page - Toshiba Semiconductor TC90101FG Datasheet HTML 11Page - Toshiba Semiconductor TC90101FG Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Feb./2005
8
TC90101FG
5. H/V Sync processing
TC90101FG has H/V sync separation circuit and regenrates HD/VD pulse.
The phase and width of HD/VD pulse are controled via THRHV at sub address 22hex.
[0] : 656 format.
[1] : Syncronized with input signal.
6. D2 signal (525p/525p component) processing
TC90101FG has D1 and D2 detection circuit and Sync processing for D2 signal.
D2 signal is converted as 4:2:2 digital signal by internal ADC. (Sampling rate of Y ADC is 27MHz.)
ID-1 data slice for 525p is available but It’s not available to use picture implrovement function and
Noise level detection, (The sliced data of ID-1 can be read via IIC.)
7. T.O.F (Take Off filter)
TC90101FG has Take Off filiter which is in front of color decoder.
Characteristic of T.O.F is set via TOF at sub address 0C hex.
[000] : Off
[001] : type 1- [111] : type 7
(Type 1 : BPF.)
8. Y process
a) Vertical enhancement : adjustable coring, gain, and non-linear performance
b) LTI function
The performance of this function is controlled via Iregisters at 04 and 05 hex.
f0 : 3.3MHz / 2.2MHz
Coring : 0.8IRE/1.6IRE/3.2IRE/6.4IRE
Gain : Off / 1/8 / 1/4 / 1/2
c) Sharpness
The performance of this function is controlled via Iregisters at 02 and 03 hex.
f0 : 4.2MHz / 3.3MHz
Coring : 0.8IRE/1.6IRE/3.2IRE/6.4IRE
Gain : -1/4 - Off - 1/2
d) Noise canceller
The performance of this function is controlled via Iregisters at 04 hex.
f0 : 4.2MHz / 3.3MHz ( It uses same register with f0 of sharpness control.)
Coring : 0.8IRE/1.6IRE/3.2IRE/6.4IRE
Gain : -1/4 - Off - 1/2
e) Contrast
Control range : ×(1/2) - ×2.4
f) Brightness
it’s effective at the periode of picture signal portion.
Control range : -128LSB - 128LSB ( 10bit unit)
9. C process
a) ACC control : A reference level is set up by register ACC LEVEL.
b) Killer control : sensitivity of killer is set via [BUS KILLV] at sub address 37 hex.
In case Killer detection, comb filter for Y becomes off.
c) HUE control : Hue control is available for CVBS and C signal of NTSC system.
Hue bias : 0 --- +45degree
Hue range : -45 degree --- +43.6degree
d) Sub color gain control
Amplitude of Cb and Cr signals are controlled via IIC.
Control range is –6dB --- +2.8dB
f0/Gain/Coring
LTI
Sharpness/
Noise cancel
f0/Gain/Coring


Similar Part No. - TC90101FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC90104AFG TOSHIBA-TC90104AFG Datasheet
750Kb / 16P
   Multi System Video Decoder
TC90104FG TOSHIBA-TC90104FG Datasheet
879Kb / 18P
   Multi System Video Decoder IC
TC90105FG TOSHIBA-TC90105FG Datasheet
536Kb / 18P
   Dual channel Video Decoder
TC90106FG TOSHIBA-TC90106FG Datasheet
726Kb / 18P
   Multi System Video Decoder for Component input
TC90107FG TOSHIBA-TC90107FG Datasheet
626Kb / 15P
   Single Channel Video Decoder
More results

Similar Description - TC90101FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com