Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG81-8011-35-1024-G Datasheet(PDF) 3 Page - Willow Technologies Ltd

Part # DG81-8011-35-1024-G
Description  sub miniature automotive power relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG81-8011-35-1024-G Datasheet(HTML) 3 Page - Willow Technologies Ltd

  DG81-8011-35-1024-G Datasheet HTML 1Page - Willow Technologies Ltd DG81-8011-35-1024-G Datasheet HTML 2Page - Willow Technologies Ltd DG81-8011-35-1024-G Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DG81
sub miniature automotive power relay
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 3 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Life Expectancy
Locked Motor Current (A)
Overall Dimensions
Fig. 1
PCB Mounting Dimensions
Fig. 2
Wiring Diagrams (Bottom View)
Mounting Holes (Bottom View)
Dimensions in mm
Reference Curves
Fig. 3
Specifications are subject to change without notice. E&OE.
Ref: DG81 122013JHM
SPST-NO, SPDT
SPST-NO-DM
SPST-NO
SPDT
SPST-NO
SPDT
SPST-NO-DM
SPST-NO-DM
Power Load Limit
Contact Voltage (VDC)
Notes:
1: All parameters, unless otherwise specified, are measured at ambient temperature of 23ºC.
2: Maximum make current refers to inrush current of motor load.
3: Electrical life of SPST-NO & SPDT obtained at motor load of locked rotor at 20A, 14VDC or resistive load of 10A, 14VDC. SPST-NO-DM
at 2 x 6A, 14VDC resistive, with operating frequency of 6 ops/min.
4: Electrical life is strongly dependent of switching frequency, On/Off ratio and environmental conditions.


Similar Part No. - DG81-8011-35-1024-G

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG81 AEC-DG81 Datasheet
275Kb / 3P
   Special option for motor loads
DG81B AEC-DG81B Datasheet
225Kb / 2P
   For flasher indicators, hazard warning
logo
Willow Technologies Ltd
DG81B WILLOW-DG81B Datasheet
225Kb / 2P
   sub miniature automotive power relay
DG81B-108U-25-1006 WILLOW-DG81B-108U-25-1006 Datasheet
225Kb / 2P
   sub miniature automotive power relay
DG81B-108U-25-1009 WILLOW-DG81B-108U-25-1009 Datasheet
225Kb / 2P
   sub miniature automotive power relay
More results

Similar Description - DG81-8011-35-1024-G

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DG81C WILLOW-DG81C Datasheet
336Kb / 2P
   sub miniature automotive power relay
DG81B WILLOW-DG81B Datasheet
225Kb / 2P
   sub miniature automotive power relay
logo
List of Unclassifed Man...
G8QN ETC-G8QN Datasheet
37Kb / 2P
   Sub-Miniature Automotive PCB Relay
logo
Omron Electronics LLC
G8SE OMRON-G8SE Datasheet
291Kb / 2P
   Sub-Miniature Automotive PCB Relay
logo
Willow Technologies Ltd
DG17 WILLOW-DG17 Datasheet
318Kb / 3P
   sub-miniature pcb automotive relay
logo
OEN India Limited
61-5-1CE OENINDIA-61-5-1CE Datasheet
73Kb / 1P
   SUB MINIATURE POWER RELAY
65-12-1CE OENINDIA-65-12-1CE Datasheet
81Kb / 1P
   SUB MINIATURE POWER RELAY
OEN61 OENINDIA-OEN61 Datasheet
302Kb / 1P
   SUB MINIATURE POWER RELAY
OEN65 OENINDIA-OEN65 Datasheet
264Kb / 1P
   SUB MINIATURE POWER RELAY
logo
DB Lectro Inc
HG4234A DBLECTRO-HG4234A Datasheet
49Kb / 2P
   Automotive Miniature PCB Power Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com