Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG82-7021-36-1012-DR Datasheet(PDF) 3 Page - Willow Technologies Ltd

Part # DG82-7021-36-1012-DR
Description  micro plug-in/pcb automotive relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG82-7021-36-1012-DR Datasheet(HTML) 3 Page - Willow Technologies Ltd

  DG82-7021-36-1012-DR Datasheet HTML 1Page - Willow Technologies Ltd DG82-7021-36-1012-DR Datasheet HTML 2Page - Willow Technologies Ltd DG82-7021-36-1012-DR Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DG82
micro plug-in/pcb automotive relay
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 3 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Overall Dimensions
Fig. 1
PCB Mounting Dimensions
Fig. 2
Wiring Diagrams (Bottom View)
Mounting Holes (Bottom View)
Dimensions in mm
Reference Curves
Fig. 3
Ref: DG82 102315JHM
Notes:
1: All parameters, unless otherwise specified, are measured at ambient temperature of 23ºC.
2: Electrical life obtained at resistive or inductive load at 40A, 15VDC with suitable arc suppression circuit attached and with operating
frequency of 1 op/sec.
3: Maximum make current refers to lamp load inrush current.
Switching Voltage (VDC)
SPST-NO
(1 Form A)
SPDT
(1 Form C)
Specifications are liable to change without notice. E&OE
.


Similar Part No. - DG82-7021-36-1012-DR

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG82 AEC-DG82 Datasheet
232Kb / 3P
   micro plug-in/pcb automotive relay
More results

Similar Description - DG82-7021-36-1012-DR

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG82 AEC-DG82 Datasheet
232Kb / 3P
   micro plug-in/pcb automotive relay
logo
Willow Technologies Ltd
DG84 WILLOW-DG84 Datasheet
258Kb / 3P
   micro plug-in/pcb automotive relay
logo
American Electronic Com...
DG84 AEC-DG84 Datasheet
269Kb / 3P
   micro plug-in/pcb automotive relay
logo
Picker Components
PC782 PICKER-PC782 Datasheet
171Kb / 2P
   Micro Automotive Plug In / PCB Power Relay
PC782 PICKER-PC782_14 Datasheet
362Kb / 2P
   Micro Automotive Plug In / PCB Power Relay
logo
List of Unclassifed Man...
HG4182 ETC1-HG4182 Datasheet
132Kb / 2P
   MICRO AUTOMOTIVE PLUG IN /PCB POWER RELAY
logo
American Electronic Com...
DGC2 AEC-DGC2 Datasheet
281Kb / 3P
   micro plug-in automotive relay
logo
Willow Technologies Ltd
DGC2 WILLOW-DGC2 Datasheet
281Kb / 3P
   micro plug-in automotive relay
logo
Picker Components
PC783 PICKER-PC783 Datasheet
711Kb / 2P
   35 Amp Micro ISO Automotive Plug In / PCB Relay
logo
DB Lectro Inc
HG4185A DBLECTRO-HG4185A Datasheet
179Kb / 4P
   Automotive Plug-In / PCB Power Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com