Electronic Components Datasheet Search |
|
DG82-1011-75-1012-DR Datasheet(PDF) 1 Page - Willow Technologies Ltd |
|
DG82-1011-75-1012-DR Datasheet(HTML) 1 Page - Willow Technologies Ltd |
1 / 3 page Page 1 of 3 www.aecsensors.com Sales Department Tel: (888) 847-6552 DG82 micro plug-in/pcb automotive relay Contacts Contact number & arrangement SPST-NO (1 Form A); SPDT (1 Form C) Contact material AgNi0.15; AgNi90/10; AgSnOInO; AgCdO Max. switching voltage DC 16VDC (current dependent - see Fig 3) Rated load (max. continuous current) DC1 40A/12VDC (Normally open); 30A/12VDC (Normally closed) Max. switching current3 Make 90A (120A:AgSnOInO) (Normally open); 45A (Normally closed) Break 40A (Normally open contact) / 30A (Normally closed contact) Minimum load AgNi0.15: 0.1A/12VDC, AgSnOInO: 05A/12VDC Initial resistance 50mΩ, max. at 0.1A/6VDC Coil Rated voltage DC 6...24V Must release voltage ≥0.1Un Operating range of supply voltage See coil table 1 Rated power consumption DC Approx. 1.2W (SPST-NO) / 1.5W (SPDT); 1.81W with resistor Insulation Insulation resistance 100MΩ at 500VDC, 50%RH Dielectric strength coil to contact 500Vrms, 1min contact to contact 500Vrms, 1min General Data Operating time (typical) ms 9 Release time (typical) ms 7 Electrical Life2 ops 2 x 105 Mechanical life ops 1 x 107 Dimensions L x W x H 23.5 x 15.7 x 26.0 mm (excluding terminals) Weight Plug-in: 21g / PCB: 19g approx. Ambient temperature storage -40 to 155°C operating -40 to 125°C (Derate above 85°C - consult factory) Shock resistance Functional: 20g 11ms; Destructive: 100g Vibration resistance DA 1.27mm 10-40Hz / 40-70Hz:5g / DA 0.5mm 100-500Hz: 10g • Industry Standard micro-ISO plug-in relay • Up to 120A 12VDC inrush capability • PCB Mounting option • Cost effective • RoHS Compliant Ref: DG82 102315JHM Specifications are liable to change without notice. E&OE . |
Similar Part No. - DG82-1011-75-1012-DR |
|
Similar Description - DG82-1011-75-1012-DR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |