Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7WZ74FU Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7WZ74FU
Description  D-Type Flip Flop with Preset and Clear
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WZ74FU Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7WZ74FU Datasheet HTML 1Page - Toshiba Semiconductor TC7WZ74FU Datasheet HTML 2Page - Toshiba Semiconductor TC7WZ74FU Datasheet HTML 3Page - Toshiba Semiconductor TC7WZ74FU Datasheet HTML 4Page - Toshiba Semiconductor TC7WZ74FU Datasheet HTML 5Page - Toshiba Semiconductor TC7WZ74FU Datasheet HTML 6Page - Toshiba Semiconductor TC7WZ74FU Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC7WZ74FU/FK
2001-11-15
4
AC Characteristics (unless otherwise specified, Input: tr
==== tf ==== 3 ns)
Ta
= 25°C
Ta
= -40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.8
± 0.15
51
¾
¾
38
¾
2.5
± 0.2
130
¾
¾
100
¾
3.3
± 0.3
200
¾
¾
150
¾
Maximum clock frequency
fMAX
CL = 50 pF, RL = 500 W
5.0
± 0.5
200
¾
¾
180
¾
MHz
1.8
± 0.15
2.5
10.0
18.0
2.1
23.0
2.5
± 0.2
2.0
4.9
7.5
1.7
9.0
3.3
± 0.3
1.5
3.3
4.8
1.3
5.6
CL = 15 pF, RL = 1 MW
5.0
± 0.5
1.0
2.4
3.5
1.0
3.9
3.3
± 0.3
2.0
4.3
5.7
1.5
7.0
Propagation delay time
(CK-Q, Q )
tpLH
tpHL
CL = 50 pF, RL = 500 W
5.0
± 0.5
1.5
2.8
4.0
1.3
4.4
ns
1.8
± 0.15
2.5
10.0
17.0
2.1
21.0
2.5
± 0.2
2.0
5.0
7.3
1.7
8.8
3.3
± 0.3
1.5
3.4
4.8
1.3
5.6
CL = 15 pF, RL = 1 MW
5.0
± 0.5
1.5
2.2
3.5
1.0
3.9
3.3
± 0.3
2.0
4.3
5.7
1.5
7.0
Propagation delay time
( CLR , PR -Q, Q )
tpLH
tpHL
CL = 50 pF, RL = 500 W
5.0
± 0.5
1.0
3.1
3.9
1.0
4.3
ns
2.5
± 0.2
3.4
¾
¾
4.1
¾
3.3
± 0.3
2.1
¾
¾
2.5
¾
Minimum setup time
ts
CL = 50 pF, RL = 500 W
5.0
± 0.5
1.5
¾
¾
1.7
¾
ns
2.5
± 0.2
2.4
¾
¾
2.9
¾
3.3
± 0.3
1.4
¾
¾
1.5
¾
Minimum hold time
th
CL = 50 pF, RL = 500 W
5.0
± 0.5
1.0
¾
¾
1.1
¾
ns
2.5
± 0.2
3.0
¾
¾
3.6
¾
3.3
± 0.3
3.0
¾
¾
3.3
¾
Minimum pulse width
(CK)
tW (L)
tW (H)
CL = 50 pF, RL = 500 W
5.0
± 0.5
3.0
¾
¾
3.2
¾
ns
2.5
± 0.2
3.0
¾
¾
3.6
¾
3.3
± 0.3
3.0
¾
¾
3.3
¾
Minimum pulse width
( CLR , PR )
tW (L)
CL = 50 pF, RL = 500 W
5.0
± 0.5
3.0
¾
¾
3.2
¾
ns
2.5
± 0.2
3.6
¾
¾
4.4
¾
3.3
± 0.3
2.2
¾
¾
2.5
¾
Minimum removal time
trem
CL = 50 pF, RL = 500 W
5.0
± 0.5
1.3
¾
¾
1.4
¾
ns
Input capacitance
CIN
¾
0~0.5
¾
3.0
¾
¾
¾
pF
Output capacitance
COUT
¾
0~0.5
¾
5.0
¾
¾
¾
pF
3.3
¾
30
¾
¾
¾
Power dissipation
capacitance
CPD
(Note 4)
5.5
¾
47
¾
¾
¾
pF
Note 4: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD•VCC•fIN + ICC


Similar Part No. - TC7WZ74FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WZ74FU TOSHIBA-TC7WZ74FU Datasheet
189Kb / 7P
   D-Type Flip Flop with Preset and Clear
TC7WZ74FUTE12LF TOSHIBA-TC7WZ74FUTE12LF Datasheet
189Kb / 7P
   D-Type Flip Flop with Preset and Clear
More results

Similar Description - TC7WZ74FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WZ74FUTE12LF TOSHIBA-TC7WZ74FUTE12LF Datasheet
189Kb / 7P
   D-Type Flip Flop with Preset and Clear
TC7W74FK TOSHIBA-TC7W74FK_09 Datasheet
220Kb / 9P
   D-Type Flip Flop with Preset and Clear
TC7W74F TOSHIBA-TC7W74F_01 Datasheet
277Kb / 9P
   D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC7W74F TOSHIBA-TC7W74F Datasheet
245Kb / 8P
   D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC7WT74FU TOSHIBA-TC7WT74FU Datasheet
212Kb / 5P
   D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC7WG74FK TOSHIBA-TC7WG74FK_09 Datasheet
203Kb / 9P
   D-Type Flip Flop with Preset and Clear
TC7WH74FK TOSHIBA-TC7WH74FK_09 Datasheet
205Kb / 7P
   D-Type flip flop with preset and clear
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
   DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com