Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK15C88-N35 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STK15C88-N35
Description  32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK15C88-N35 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STK15C88-N35 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK15C88-N35 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK15C88-N35 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK15C88-N35 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK15C88-N35 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK15C88-N35 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK15C88-N35 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK15C88-N35 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK15C88-N35 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
August 1998
5-35
STK15C88
32K x 8
AutoStore™ nvSRAM
High Performance CMOS
Nonvolatile Static RAM
FEATURES
• Nonvolatile Storage Without Battery Problems
• Directly Replaces 32K x 8 static RAM, Battery
Backed RAM or EEPROM
• 25ns, 35ns and 45ns Access Times
• Store to EEPROM Initiated by Software or
AutoStore™ on Power Down
• Recall to SRAM by Software or Power Restore
• 15mA I
CC at 200ns Cycle Time
• Unlimited Read, Write and Recall Cycles
• 1,000,000 Store Cycles to EEPROM
• 100 Year Data Retention Over Full Industrial
Temperature Range
• Commercial and Industrial Temp. Ranges
• 28 Pin 600 or 300 mil PDIP and 350 mil SOIC
DESCRIPTION
The Simtek STK15C88 is a fast static RAM with a
nonvolatile, electrically-erasable PROM element
incorporated in each static memory cell. The SRAM
can be read and written an unlimited number of
times, while independent, nonvolatile data resides in
EEPROM. Data transfers from the SRAM to the
EEPROM (the
STORE operation) can take place
automatically on power down using charge stored in
system capacitance. Transfers from the EEPROM to
the SRAM (the
RECALL operation) take place auto-
matically on restoration of power. Initiation of
STORE and RECALL cycles can also be controlled
by entering control sequences on the SRAM inputs.
BLOCK DIAGRAM
RECALL
STORE/
CONTROL
CONTROL
VCC
POWER
013
A
A
DETECT
SOFTWARE
STORE
2
COLUMN I/O
1
A
RECALL
DQ
A
0
A
COLUMN DEC
DQ
10
5
9
A
A
4
3
DQ
STATIC RAM
3
4
A
256 x 1024
A
5
DQ
DQ
6
A
7
2
DQ
A
13
12
A
11
A
14
A
DQ
256 x 1024
A
8
ARRAY
A
0
EEPROM ARRAY
7
6
A
1
DQ
W
E
G
PIN NAMES
A0 - A14
Address Inputs
W
Write Enable
DQ0 - DQ7
Data In/Out
E
Chip Enable
G
Output Enable
VCC
Power (+5V)
VSS
Ground
26
20
24
27
19
18
15
22
25
23
16
17
21
28
DQ
DQ
4
DQ
3
E
7
DQ
DQ 6
5
A10
A
A
A
A
11
13
8
9
G
CC
V
14
3
2
A
0
DQ
DQ
V
0
1
1
2
A
SS
A
DQ
A
A
A 7
14
A
A 6
12
5
A
A 4
W
11
2
1
3
7
13
8
12
10
6
9
4
5
28 - 300 PDIP
28 - 600 PDIP
28 - 350 SOIC
28 - 300 SOIC
PIN CONFIGURATIONS


Similar Part No. - STK15C88-N35

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK15C88-NF25 SIMTEK-STK15C88-NF25 Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
logo
Cypress Semiconductor
STK15C88-NF25 CYPRESS-STK15C88-NF25 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
logo
Simtek Corporation
STK15C88-NF25I SIMTEK-STK15C88-NF25I Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
logo
Cypress Semiconductor
STK15C88-NF25I CYPRESS-STK15C88-NF25I Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
STK15C88-NF25I CYPRESS-STK15C88-NF25I Datasheet
832Kb / 17P
   256-Kbit (32 K x 8) PowerStore nvSRAM Unlimited RECALL Cycles
More results

Similar Description - STK15C88-N35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK14C88-M ETC1-STK14C88-M Datasheet
85Kb / 12P
   32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK25CA8 ETC-STK25CA8 Datasheet
129Kb / 8P
   128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88 ETC1-STK11C88 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com