Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK15C88-N35 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # STK15C88-N35
Description  32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK15C88-N35 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  STK15C88-N35 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK15C88-N35 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK15C88-N35 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK15C88-N35 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK15C88-N35 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK15C88-N35 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK15C88-N35 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK15C88-N35 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK15C88-N35 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
STK15C88
August 1998
5-42
Internally, RECALL is a two step procedure. First,
the SRAM data is cleared and second, the nonvola-
tile information is transferred into the SRAM cells.
After the t
RECALL cycle time the SRAM will once again
be ready for READ and WRITE operations. The
RECALL
operation in no way alters the data in the
EEPROM
cells. The nonvolatile data can be recalled
an unlimited number of times.
AutoStoreTM OPERATION
The STK15C88 uses the intrinsic system capaci-
tance to perform an automatic store on power
down. As long as the system power supply takes at
least t
STORE to decay from VSWITCH down to 3.6V the
STK15C88 will safely and automatically store the
SRAM
data in EEPROM on power-down.
In order to prevent unneeded STORE operations,
automatic STORE will be ignored unless at least
one WRITE operation has taken place since the
most recent STORE or RECALL cycle. Software initi-
ated STORE cycles are performed regardless of
whether a WRITE operation has taken place.
POWER UP RECALL
During power up, or after any low power condition
(V
CC
< V
RESET)
an internal recall request will be
latched. When V
CC once again exceeds the sense
voltage of V
SWITCH, a RECALL cycle will automatically
be initiated and will take t
RESTORE to complete.
HARDWARE PROTECT
The STK15C88 offers hardware protection against
inadvertent STORE operation during low voltage
conditions. When V
CC < VSWITCH all Software STORE
operations will be inhibited.
LOW AVERAGE ACTIVE POWER
The STK15C88 draws significantly less current
when it is cycled at times longer than 30ns.
Figure
2, below, shows the relationship between I
CC and
READ
cycle time. Worst case current consumption
is shown for both CMOS and TTL input levels (com-
mercial temperature range, V
CC = 5.5V, 100% duty
cycle on chip enable).
Figure 3 shows the same
relationship for WRITE cycles. If the chip enable
duty cycle is less than 100%, only standby current
is drawn when the chip is disabled. The overall
average current drawn by the STK15C88 depends
on the following items: 1) CMOS vs. TTL input lev-
els; 2) the duty cycle of chip enable; 3) the overall
cycle rate for accesses; 4) the ratio of READ’s to
WRITE
’s; 5) the operating temperature; 6) the VCC
level and; 7) I/O loading.
Fig 3: Icc (Max) Writes
Fig 2: Icc (max) Reads
50
CMOS
TTL
60
20
0
Cycle Time (ns)
80
TTL
100
CMOS
80
0
40
200
100
150
50
150
100
100
40
20
60
200
Cycle Time (ns)


Similar Part No. - STK15C88-N35

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK15C88-NF25 SIMTEK-STK15C88-NF25 Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
logo
Cypress Semiconductor
STK15C88-NF25 CYPRESS-STK15C88-NF25 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
logo
Simtek Corporation
STK15C88-NF25I SIMTEK-STK15C88-NF25I Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
logo
Cypress Semiconductor
STK15C88-NF25I CYPRESS-STK15C88-NF25I Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
STK15C88-NF25I CYPRESS-STK15C88-NF25I Datasheet
832Kb / 17P
   256-Kbit (32 K x 8) PowerStore nvSRAM Unlimited RECALL Cycles
More results

Similar Description - STK15C88-N35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK14C88-M ETC1-STK14C88-M Datasheet
85Kb / 12P
   32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK25CA8 ETC-STK25CA8 Datasheet
129Kb / 8P
   128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88 ETC1-STK11C88 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com