Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE191 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE191
Description  Silicon Complementary Transistors High Voltage Video Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE191 Datasheet(HTML) 2 Page - NTE Electronics

  NTE191 Datasheet HTML 1Page - NTE Electronics NTE191 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF Characteristics (Cont’d)
Collector Cutoff Current
ICBO
VCB = 200V, IE = 0
0.2
µA
Emitter Cutoff Current
IEBO
VBE = 6V, IC = 0
0.1
µA
ON Characteristics
DC Current Gain (NTE191 & NTE240)
hFE
IC = 1mA, VCE = 10V, Note 3
25
NTE191
IC = 10mA, VCE = 10V, Note 3
40
IC = 30mA, VCE = 10V, Note 3
40
NTE240
IC = 10mA, VCE = 10V, Note 3
30
IC = 30mA, VCE = 10V, Note 3
30
Collector–Emitter Saturation Voltage
VCE(sat)
IC = 30mA, IB = 3mA
0.75
V
Base–Emitter ON Voltage
NTE191
VBE(on)
IC = 30mA, VCE = 10V
0.85
V
NTE240
0.90
V
Dynamic Characteristics
Current Gain–Bandwidth Product
NTE191
fT
IC = 10mA, VCE = 20V,
45
MHz
NTE240
f = 100MHz, Note 2
60
MHz
Collector–Base Capacitance
NTE191
Ccb
VCB = 20V, IE = 0, f = 1MHz
3.0
pF
NTE240
8.0
pF
Note 3. Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2%.
Collector Connected to Tab
EB C
.050 (1.27)
.380 (9.65) Max
.280 (7.25) Max
.128 (3.28) Dia
.200 (5.08)
.100 (2.54)
.218
(5.55)
.160
(4.06)
.475
(12.0)
Min
.995
(25.3)
.100 (2.54)


Similar Part No. - NTE191

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1910 NTE-NTE1910 Datasheet
23Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 9V, 1A
NTE1911 NTE-NTE1911 Datasheet
26Kb / 2P
   3 Terminal Adjustable Negative Voltage Regulator -1.2V to -37V, 1.5A
NTE1912 NTE-NTE1912 Datasheet
24Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 12V, 3A
NTE1913 NTE-NTE1913 Datasheet
24Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -5V, 1.5A
NTE1914 NTE-NTE1914 Datasheet
25Kb / 2P
   3 Terminal Positive Voltage Regulator 12V, 1A
More results

Similar Description - NTE191

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2501 NTE-NTE2501 Datasheet
21Kb / 2P
   Silicon Complementary Transistors High Voltage for Video Output
NTE188 NTE-NTE188 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Voltage Amplifier & Driver
NTE2305 NTE-NTE2305 Datasheet
23Kb / 2P
   Silicon Complementary Transistors High Voltage Power Amplifier
NTE287 NTE-NTE287 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Voltage, General Purpose Amplifier
NTE2633 NTE-NTE2633 Datasheet
21Kb / 2P
   Silicon Complementary Transistors High Frequency Video Driver
logo
Rectron Semiconductor
BF491 RECTRON-BF491 Datasheet
617Kb / 4P
   PNP SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS High Voltage Video Amplifier
logo
Central Semiconductor C...
2N6515 CENTRAL-2N6515 Datasheet
304Kb / 3P
   COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
R2 18-January 2016
CMPT6517 CENTRAL-CMPT6517 Datasheet
104Kb / 2P
   COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
logo
NTE Electronics
NTE11 NTE-NTE11 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Amplifier
NTE2530 NTE-NTE2530 Datasheet
23Kb / 2P
   Silicon Complementary Transistors High Voltage Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com