Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LVDS391PWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVDS391PWR
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDS391PWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN75LVDS391PWR Datasheet HTML 7Page - Texas Instruments SN75LVDS391PWR Datasheet HTML 8Page - Texas Instruments SN75LVDS391PWR Datasheet HTML 9Page - Texas Instruments SN75LVDS391PWR Datasheet HTML 10Page - Texas Instruments SN75LVDS391PWR Datasheet HTML 11Page - Texas Instruments SN75LVDS391PWR Datasheet HTML 12Page - Texas Instruments SN75LVDS391PWR Datasheet HTML 13Page - Texas Instruments SN75LVDS391PWR Datasheet HTML 14Page - Texas Instruments SN75LVDS391PWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
SN65LVDS387, SN75LVDS387, SN65LVDS389
SN75LVDS389, SN65LVDS391, SN75LVDS391
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SLLS362D – SEPTEMBER 1999 – REVISED MAY 2001
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
width
abs .
jitter
height
unit interval
Figure 15. Typical LVDS Eyepattern
A generally accepted range of jitter at the receiver inputs that allows data recovery is 5% to 20% of the unit
interval (data pulse width). Table 1 shows the signaling rate achieved on various cables and lengths at a 5%
eyepattern jitter with a typical LVDS driver.
Table 1. Signaling Rates for Various Cables for 5% Eyepattern Jitter
LENGTH
CABLE†
LENGTH
(m)
A
(Mbps)
B
(Mbps)
C
(Mbps)
D
(Mbps)
E
(Mbps)
F
(Mbps)
1
240
200
240
270
180
230
5
205
210
230
250
215
230
10
180
150
195
200
145
180
† Cable A: CAT 3, specified up to 16 MHz, no shield, outside conductor diameter (
∅) 0.52 mm
Cable B: CAT 5, specified up to 100 MHz, no shield,
∅ 0.52 mm
Cable C: CAT 5, specified up to 100 MHz, taped over all shield,
∅ 0.52 mm
Cable D: CAT 5 (exceeding CAT 5), specified up to 300 MHz, braided over all shield plus taped individual shield for any
pair,
∅ 0.64 mm (AWG22)
Cable E: CAT 5 (exceeding CAT 5), specified up to 350 MHz,
∅ 0.64 mm (AWG22), no shield
Cable F: CAT 5 (exceeding CAT 5), specified up to 350 MHz, “self-shielded”,
∅ 0.64 mm (AWG22)
During synchronous parallel transfers, skew between the data and clock lines will also reduce the timing margin.
This must be accounted for in the system timing budget. Fortunately, the low output skew of this LVDS driver
will generally be a small portion of this budget.
other LVDS products
For other products and applications notes in the LVDS and LVDM product families visit our Web site at
http://www.ti.com/sc/datatran.


Similar Part No. - SN75LVDS391PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS391PWR TI-SN75LVDS391PWR Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS391PWR TI1-SN75LVDS391PWR Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN75LVDS391PWRG4 TI-SN75LVDS391PWRG4 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS391PWRG4 TI1-SN75LVDS391PWRG4 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
More results

Similar Description - SN75LVDS391PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com