Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T530Y477M006ATE005 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T530Y477M006ATE005
Description  Tantalum, Polymer Tantalum, Multi-Anode, T530, 470 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 5mOhms, Height Max = 4mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T530Y477M006ATE005 Datasheet(HTML) 1 Page - Kemet Corporation

  T530Y477M006ATE005 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 2628ef6a-4f71-4c0d-b6c3-747886f21366
KEMET Part Number: T530Y477M006ATE005
Tantalum, Polymer Tantalum, Multi-Anode, T530, 470 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 5
mOhms, Height Max = 4mm
Dimensions
Footprint
7343
L
7.3mm +/-0.3mm
W
4.3mm +/-0.3mm
H
3.8mm +/-0.2mm
T
0.13mm REF
S
1.3mm +/-0.3mm
F
2.4mm +/-0.1mm
A
3.8mm MIN
B
0.5mm +/-0.15mm
P
1.7mm REF
R
1mm REF
X
0.1mm +/-0.1mm
Packaging Specifications
Weight: 378.06 mg
Packaging: T&R, 178mm
Packaging Quantity: 500
General Information
Dielectric: Polymer Tantalum
Style: SMD Chip
Series: T530
Description: SMD, Polymer, Molded, Multiple
Anodes, Low ESR
Features: Low ESR
RoHS: Yes
Termination: Tin
Specifications
Capacitance: 470 uF
Capacitance Tolerance: 20%
Voltage DC: 6.3 VDC (105C), 4.22 VDC
(125C)
Temperature Range: -55/+125C
Dissipation Factor: 8% 120Hz 25C
Failure Rate: N/A
Resistance: 5 mOhms (100kHz 25C)
Current:
7300 mAmps (100kHz 45C),
5110 mAmps (85C), 1825
mAmps (125C)
Leakage Current: 296.1 uA (5min 25C)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T530Y477M006ATE005

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T530Y477M006A KEMET-T530Y477M006A Datasheet
1Mb / 17P
   KEMET Organic Capacitor (KO-CAP) T530 High Capacitance/125째C Rated Polymer Tantalum
More results

Similar Description - T530Y477M006ATE005

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T530Y337M006ATE005 KEMET-T530Y337M006ATE005 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, Multi-Anode, T530, 330 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 5mOhms, Height Max = 4mm
T530Y477M004ATE005 KEMET-T530Y477M004ATE005 Datasheet
76Kb / 1P
   Tantalum, Polymer Tantalum, Multi-Anode, T530, 470 uF, 20%, 4 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 5mOhms, Height Max = 4mm
T530X477M006ATE005 KEMET-T530X477M006ATE005 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, Multi-Anode, T530, 470 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 5mOhms, Height Max = 4.3mm
T530Y687M2R5ATE005 KEMET-T530Y687M2R5ATE005 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, Multi-Anode, T530, 680 uF, 20%, 2.5 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 5mOhms, 4mm
T530D227M006ATE005 KEMET-T530D227M006ATE005 Datasheet
80Kb / 1P
   T530, Tantalum, Polymer Tantalum, Multi-Anode, 220 uF, 20%, 6.3 V, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 5mOhms, 7343, Height Max = 3.1mm
T530Y108M2R5ATE005 KEMET-T530Y108M2R5ATE005 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, Multi-Anode, T530, 1000 uF, 20%, 2.5 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 5mOhms, Height Max = 4mm
T530X477M006ATE010 KEMET-T530X477M006ATE010 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, Multi-Anode, T530, 470 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 10mOhms, Height Max = 4.3mm
T530X477M006ATE006 KEMET-T530X477M006ATE006_17 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, Multi-Anode, T530, 470 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 6mOhms, 4.3mm
T530Y337M006ATE006 KEMET-T530Y337M006ATE006 Datasheet
80Kb / 1P
   T530, Tantalum, Polymer Tantalum, Multi-Anode, 330 uF, 20%, 6.3 V, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 6mOhms, 7343, Height Max = 4mm
T530D337M004ATE005 KEMET-T530D337M004ATE005 Datasheet
76Kb / 1P
   Tantalum, Polymer Tantalum, Multi-Anode, T530, 330 uF, 20%, 4 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 5mOhms, Height Max = 3.1mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com