Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG81-7021-25-S010-G Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # DG81-7021-25-S010-G
Description  sub miniature automotive power relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG81-7021-25-S010-G Datasheet(HTML) 2 Page - Willow Technologies Ltd

  DG81-7021-25-S010-G Datasheet HTML 1Page - Willow Technologies Ltd DG81-7021-25-S010-G Datasheet HTML 2Page - Willow Technologies Ltd DG81-7021-25-S010-G Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering codes
Type
Contact material
Contact
arrangement
Cover protection
and mounting
Coil code
D
G
8
1
-
-
5
-
-
Contact material
20
-
AgNi
See coil tables 1 or 2
70
-
AgSnOInO
80
-
AgNi 0.15
Contact arrangement
11
-
SPDT (1 C/O, 1 Form C)
21
-
SPST-NO (1 N/O, 1 Form A)
8U
-
SPST-NO-DM (1 Form U)
Cover protection category
2
-
in cover, flux tight - IP40
3
-
in cover, sealed - IP67
Connection mode
5
-
for PCB
Options
Nil
-
No options
G
-
Increased contact gap (may be specified with std, Class F or Class H insulation)
F
-
UL Class F insulation for higher ambient temperatures
H
-
UL Class H insulation for high ambient temperatures
DG81
sub miniature automotive power relay
Ref: DG81 122013JHM
Coil Data (600mW - standard version)
Table 1
Coil Voltage Code
Nominal Voltage (VDC)
Coil Resistance (Ω)
±10%
Must operate voltage
max. (VDC)
Must release voltage
min. (VDC)
S006
6
60
3.6
0.5
S009
9
135
5.4
0.6
S010
10
167
6.3
0.9
S012
12
240
7.3
1.2
S024
24
960
14.4
2.4
Coil Data (800mW - increased contact gap version)*
Table 2
Coil Voltage Code
Nominal Voltage (VDC)
Coil Resistance (Ω)
±10%
Must operate voltage
max. (VDC)
Must release voltage
min. (VDC)
1006
6
45
3.6
0.5
1009
9
100
5.4
0.6
1010
10
123
6.3
0.9
1012
12
180
7.3
1.2
1024
24
720
14.4
2.4
* Contact gap increased to 0.45mm. Not available for SPST-NO-DM (1 Form U) contacts.
Page 2 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552


Similar Part No. - DG81-7021-25-S010-G

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG81 AEC-DG81 Datasheet
275Kb / 3P
   Special option for motor loads
DG81B AEC-DG81B Datasheet
225Kb / 2P
   For flasher indicators, hazard warning
logo
Willow Technologies Ltd
DG81B WILLOW-DG81B Datasheet
225Kb / 2P
   sub miniature automotive power relay
DG81B-108U-25-1006 WILLOW-DG81B-108U-25-1006 Datasheet
225Kb / 2P
   sub miniature automotive power relay
DG81B-108U-25-1009 WILLOW-DG81B-108U-25-1009 Datasheet
225Kb / 2P
   sub miniature automotive power relay
More results

Similar Description - DG81-7021-25-S010-G

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DG81C WILLOW-DG81C Datasheet
336Kb / 2P
   sub miniature automotive power relay
DG81B WILLOW-DG81B Datasheet
225Kb / 2P
   sub miniature automotive power relay
logo
List of Unclassifed Man...
G8QN ETC-G8QN Datasheet
37Kb / 2P
   Sub-Miniature Automotive PCB Relay
logo
Omron Electronics LLC
G8SE OMRON-G8SE Datasheet
291Kb / 2P
   Sub-Miniature Automotive PCB Relay
logo
Willow Technologies Ltd
DG17 WILLOW-DG17 Datasheet
318Kb / 3P
   sub-miniature pcb automotive relay
logo
OEN India Limited
61-5-1CE OENINDIA-61-5-1CE Datasheet
73Kb / 1P
   SUB MINIATURE POWER RELAY
65-12-1CE OENINDIA-65-12-1CE Datasheet
81Kb / 1P
   SUB MINIATURE POWER RELAY
OEN61 OENINDIA-OEN61 Datasheet
302Kb / 1P
   SUB MINIATURE POWER RELAY
OEN65 OENINDIA-OEN65 Datasheet
264Kb / 1P
   SUB MINIATURE POWER RELAY
logo
DB Lectro Inc
HG4234A DBLECTRO-HG4234A Datasheet
49Kb / 2P
   Automotive Miniature PCB Power Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com