Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS391DR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS391DR
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS391DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVDS391DR Datasheet HTML 3Page - Texas Instruments SN65LVDS391DR Datasheet HTML 4Page - Texas Instruments SN65LVDS391DR Datasheet HTML 5Page - Texas Instruments SN65LVDS391DR Datasheet HTML 6Page - Texas Instruments SN65LVDS391DR Datasheet HTML 7Page - Texas Instruments SN65LVDS391DR Datasheet HTML 8Page - Texas Instruments SN65LVDS391DR Datasheet HTML 9Page - Texas Instruments SN65LVDS391DR Datasheet HTML 10Page - Texas Instruments SN65LVDS391DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SN65LVDS387, SN75LVDS387, SN65LVDS389
SN75LVDS389, SN65LVDS391, SN75LVDS391
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SLLS362D – SEPTEMBER 1999 – REVISED MAY 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
f – Frequency – MHz
0
10
20
30
40
50
60
0
50
100
150
200
250
300
VCC = 3.6 V
All outputs loaded and enabled.
VCC = 3.3 V
VCC = 3 V
’LVDS391
SUPPLY CURRENT (RMS)
vs
SWITCHING FREQUENCY
Figure 6
Figure 7
f – Frequency – MHz
80
100
120
140
160
180
200
220
240
0
50
100
150
200
250
300
350
VCC = 3.6 V
All outputs loaded and enabled.
VCC = 3.3 V
VCC = 3 V
’LVDS387
SUPPLY CURRENT (RMS)
vs
SWITCHING FREQUENCY
Figure 8
f – Frequency – MHz
40
50
60
70
80
90
100
110
0
50
100
150
200
250
300
VCC = 3.6 V
All outputs loaded and enabled.
VCC = 3.3 V
VCC = 3 V
’LVDS389
SUPPLY CURRENT (RMS)
vs
SWITCHING FREQUENCY


Similar Part No. - SN65LVDS391DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS391DR TI-SN65LVDS391DR Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS391DR TI1-SN65LVDS391DR Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN65LVDS391DRG4 TI-SN65LVDS391DRG4 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS391DRG4 TI1-SN65LVDS391DRG4 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
More results

Similar Description - SN65LVDS391DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com