Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG79B-3021-72V-SL12-P Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # DG79B-3021-72V-SL12-P
Description  industrial bistable (latching) power relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG79B-3021-72V-SL12-P Datasheet(HTML) 1 Page - Willow Technologies Ltd

  DG79B-3021-72V-SL12-P Datasheet HTML 1Page - Willow Technologies Ltd DG79B-3021-72V-SL12-P Datasheet HTML 2Page - Willow Technologies Ltd DG79B-3021-72V-SL12-P Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
DG79 / DG79B
industrial bistable (latching) power relay
Contacts
Contact number & arrangement
SPST-NO, SPST-NC (as delivered condition)
Contact material
AgSnO
2
Max. switching voltage
250VAC / 30VDC
Min. switching current / voltage
500mA/12VDC
Max. continuous current
DG79: 100A / DG79B: 120A
Short circuit carrying capacity
3000A (Utilization Category UC3)
Max. switching power
DG79: 25000VA / DG79B: 30000VA
Initial resistance
≤ 100mΩ, max. at 0.1A/6VDC (typically 0.25 to 0.5mΩ)
Coil
Rated voltage
5...48VDC
Operating range of supply voltage
See coil table 1
Rated power consumption
Single coil 2.3W
Twin coil 4.6W
Insulation
Insulation resistance
>1000MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 4000Vrms, 1min (50Hz)
between open contacts 1800Vrms, 1min (50Hz)
Creepage & Clearance >8mm
General Data
Operating time (max.)
mS 20
Release time (max.)
mS 20
Electrical Life
ops 1 x 104
Mechanical life
ops 1 x 106
Dimensions
L x W x H 52 x 43 x 22mm (see drawings for detail)
Weight
approx. 80g (depending on options)
Ambient temperature
storage -40 to 85°C
operating -40 to 85°C (Class F)
Shock resistance
Functional: 100m/s2 11mS; Destructive: 1000m/s2
Vibration resistance
10-55Hz: DA 1.5mm
Humidity
98%RH, 40°C
• Up to 120A /240VAC continuous rating
• Custom Termination options inc shunts
• Single Coil & Twin Coil Latching
• Utility / Prepayment meters
• Automotive / Electric Vehicle Battery
• IEC 62055-31UC3
Ref: DG79 051514JHM


Similar Part No. - DG79B-3021-72V-SL12-P

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG79B AEC-DG79B Datasheet
371Kb / 3P
   Custom Termination options inc shunts
More results

Similar Description - DG79B-3021-72V-SL12-P

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ956P ZETTLER-AZ956P Datasheet
154Kb / 2P
   MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
AZ8P ZETTLER-AZ8P Datasheet
52Kb / 2P
   10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
logo
List of Unclassifed Man...
AZ832P ETC1-AZ832P Datasheet
52Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
American Zettler, Inc.
AZ830P AZETTLER-AZ830P Datasheet
89Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P AZETTLER-AZ832P Datasheet
126Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ830P ZETTLER-AZ830P_13 Datasheet
137Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ830P ZETTLER-AZ830P Datasheet
78Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P ZETTLER-AZ832P Datasheet
50Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
American Zettler, Inc.
AZ956P AZETTLER-AZ956P Datasheet
94Kb / 2P
   MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
logo
ZETTLER Electronics
AZ8P ZETTLER-AZ8P_14 Datasheet
54Kb / 2P
   10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com