Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG79B-3021-70H-SL05-P Datasheet(PDF) 3 Page - Willow Technologies Ltd

Part # DG79B-3021-70H-SL05-P
Description  industrial bistable (latching) power relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG79B-3021-70H-SL05-P Datasheet(HTML) 3 Page - Willow Technologies Ltd

  DG79B-3021-70H-SL05-P Datasheet HTML 1Page - Willow Technologies Ltd DG79B-3021-70H-SL05-P Datasheet HTML 2Page - Willow Technologies Ltd DG79B-3021-70H-SL05-P Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DG79 / DG79B
industrial bistable (latching) power relay
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 3 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
All dimensions in mm
Specifications are subject to change without notice. E&OE.
Ref: DG79 051514JHM
Notes:
1) All parameters, unless otherwise specified, are measured at an ambient temperature of 23°C.
Wiring Diagram
Fig. 3
coil
coil
pin 1
pin 2
pin 3
+ ve
+ ve
- ve
release
operate
contacts shown in operated position
pin 1 pin 2 pin 3
Overall Dimensions
Fig. 1
DG79 “0H” Type
DG79 “0V” Type
DG79 “1V” Type
DG79 “2V” Type (with shunt)
Custom terminations available upon request


Similar Part No. - DG79B-3021-70H-SL05-P

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG79B AEC-DG79B Datasheet
371Kb / 3P
   Custom Termination options inc shunts
More results

Similar Description - DG79B-3021-70H-SL05-P

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ956P ZETTLER-AZ956P Datasheet
154Kb / 2P
   MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
AZ8P ZETTLER-AZ8P Datasheet
52Kb / 2P
   10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
logo
List of Unclassifed Man...
AZ832P ETC1-AZ832P Datasheet
52Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
American Zettler, Inc.
AZ830P AZETTLER-AZ830P Datasheet
89Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P AZETTLER-AZ832P Datasheet
126Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ830P ZETTLER-AZ830P_13 Datasheet
137Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ830P ZETTLER-AZ830P Datasheet
78Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P ZETTLER-AZ832P Datasheet
50Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
American Zettler, Inc.
AZ956P AZETTLER-AZ956P Datasheet
94Kb / 2P
   MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
logo
ZETTLER Electronics
AZ8P ZETTLER-AZ8P_14 Datasheet
54Kb / 2P
   10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com