Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG85BM-5011-95-1006-NILDR Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # DG85BM-5011-95-1006-NILDR
Description  automotive / industrial relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG85BM-5011-95-1006-NILDR Datasheet(HTML) 1 Page - Willow Technologies Ltd

  DG85BM-5011-95-1006-NILDR Datasheet HTML 1Page - Willow Technologies Ltd DG85BM-5011-95-1006-NILDR Datasheet HTML 2Page - Willow Technologies Ltd DG85BM-5011-95-1006-NILDR Datasheet HTML 3Page - Willow Technologies Ltd DG85BM-5011-95-1006-NILDR Datasheet HTML 4Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 of 4
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
DG85*M series
automotive / industrial relays
Contacts
Contact number & arrangement
SPST-NO (1 Form A); SPDT (1 Form C)
Contact material
AgSnO2
Max. switching voltage
DC
145VDC (DG85CM)
DG85BM (SPST-NO & SPDT)
DG85CM (SPST-NO only)
Contact rating
(through normally open and normally closed contacts)
25A @ 36VDC
20A @ 48VDC
15A @ 72VDC
7A @ 110VDC
60A @ 36VDC
50A @ 48VDC
40A @ 60VDC
25A @ 72VDC
10A @ 110VDC
5A @ 145VDC
Max. switching current (3sec)
120A @12.8VDC
150A @ 12.8VDC
Min. switching current
100mA / 12VDC
100mA / 12VDC
Initial contact resistance
<100mΩ, max. at 0.1A/6VDC
Coil
Rated voltage
DC
6...110V
Must release voltage
See coil table 1
Operating range of supply voltage
See coil table 1
Rated power consumption
DC
1.7W / 1.8W (DG85BM) / 1.92W (DG85CM)
Insulation
Insulation resistance
100MΩ at 500VDC, 50%RH, 25°C
Dielectric strength
coil to contact
750Vrms, 1min
contact to contact
500Vrms, 1min
General Data
Operating time (typical)
mS
≤ 15mS (excluding bounce and without coil suppression)
Release time (typical)
mS
≤ 15 mS (excluding bounce and without coil suppression)
Electrical Life
ops
1 x 105
Mechanical life
ops
1 x 106
Dimensions
L x W x H
35 x 30.5 x 27mm (25mm for DG85BM)
Weight
65g approx. depending on style and mounting
Ambient temperature
storage
-40 to 85°C (Maximum = 155°C)
operating
-40 to 85°C (at nominal coil voltage - see Coil Data, Table 1)
Shock resistance
Functional: 30g 8mS; Destructive: 100g
Vibration resistance
10 - 2000Hz, 4.4g (DG85BM) / 10 - 50Hz, 4.4g (DG85CM)
• General purpose automotive or industrial relays
• High inrush capabilities
• Ideal for DC Motor Control
• High continuous DC current capacity
• Industry standard terminal arrangement
• Optimised for up to 145VDC switching with
magnetic arc blowout
• RoHS Compliant
Ref: DG85*M 022112JHM


Similar Part No. - DG85BM-5011-95-1006-NILDR

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG85B AEC-DG85B Datasheet
503Kb / 4P
   automotive / industrial relays
More results

Similar Description - DG85BM-5011-95-1006-NILDR

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG85G AEC-DG85G Datasheet
334Kb / 4P
   automotive / industrial relays
logo
Willow Technologies Ltd
DG85 WILLOW-DG85 Datasheet
503Kb / 4P
   automotive / industrial relays
logo
American Electronic Com...
DG85D AEC-DG85D Datasheet
503Kb / 4P
   automotive / industrial relays
DG85M AEC-DG85M Datasheet
339Kb / 4P
   automotive / industrial relays
DG85B AEC-DG85B Datasheet
503Kb / 4P
   automotive / industrial relays
DG85C AEC-DG85C Datasheet
503Kb / 4P
   automotive / industrial relays
DG85F AEC-DG85F Datasheet
503Kb / 4P
   automotive / industrial relays
DG85A AEC-DG85A Datasheet
503Kb / 2P
   automotive / industrial relays
DP6-OC AEC-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
Allen-Bradley
700S-CF440 ALLEN-BRADLEY-700S-CF440 Datasheet
250Kb / 5P
   Industrial Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com