Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS32BD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS32BD
Description  HIGH-SPEED DIFFERENTIAL RECEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS32BD Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVDS32BD Datasheet HTML 3Page - Texas Instruments SN65LVDS32BD Datasheet HTML 4Page - Texas Instruments SN65LVDS32BD Datasheet HTML 5Page - Texas Instruments SN65LVDS32BD Datasheet HTML 6Page - Texas Instruments SN65LVDS32BD Datasheet HTML 7Page - Texas Instruments SN65LVDS32BD Datasheet HTML 8Page - Texas Instruments SN65LVDS32BD Datasheet HTML 9Page - Texas Instruments SN65LVDS32BD Datasheet HTML 10Page - Texas Instruments SN65LVDS32BD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SN65LVDS32B, SN65LVDT32B, SN65LVDS3486B
SN65LVDT3486B, SN65LVDS9637B, SN65LVDT9637B
HIGH-SPEED DIFFERENTIAL RECEIVERS
SLLS440A – OCTOBER 2000 – REVISED MAY 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
See Figure 3
2.5
4
6
ns
tPHL
Propagation delay time, high-to-low-level output
See Figure 3
2.5
4
6
ns
td1
Delay time, fail-safe deactivate time
See Figures 3 and 6
9
ns
td2
Delay time, fail-safe activate time
See Figures 3 and 6
0.3
1.5
µs
tsk(p)
Pulse skew (|tPHL1 – tPLH1|)
200
ps
tsk(o)
Output skew§
C10 F
150
ps
tsk(pp)
Part-to-part skew‡
CL = 10 pF,
See Figure 3
1
ns
tr
Output signal rise time
See Figure 3
0.8
ns
tf
Output signal fall time
0.8
ns
tPHZ
Propagation delay time, high-level-to-high-impedance output
5.5
9
ns
tPLZ
Propagation delay time, low-level-to-high-impedance output
See Figure 4
4.4
9
ns
tPZH
Propagation delay time, high-impedance -to-high-level output
See Figure 4
3.8
9
ns
tPZL
Propagation delay time, high-impedance-to-low-level output
7
9
ns
† All typical values are at 25
°C and with a 3.3-V supply.
‡ tsk(pp) is the magnitude of the time difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
§ tsk(o) is the magnitude of the time difference between the tPLH or tPHL of all receivers of a single device with all of their inputs driven together.


Similar Part No. - SN65LVDS32BD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS32BD TI-SN65LVDS32BD Datasheet
206Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32BDG4 TI-SN65LVDS32BDG4 Datasheet
206Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32BDR TI-SN65LVDS32BDR Datasheet
206Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32BDRG4 TI-SN65LVDS32BDRG4 Datasheet
206Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
More results

Similar Description - SN65LVDS32BD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS32A TI-SN65LVDS32A_1 Datasheet
233Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33_07 Datasheet
530Kb / 23P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32B TI-SN65LVDS32B_07 Datasheet
206Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32A TI-SN65LVDS32A Datasheet
191Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33 Datasheet
419Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL RECEIVERS
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS348 TI-SN65LVDS348 Datasheet
310Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT352 TI-SN65LVDT352 Datasheet
306Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com