Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG38B-3021-30-5024 Datasheet(PDF) 3 Page - Willow Technologies Ltd

Part # DG38B-3021-30-5024
Description  pcb and industrial power relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG38B-3021-30-5024 Datasheet(HTML) 3 Page - Willow Technologies Ltd

  DG38B-3021-30-5024 Datasheet HTML 1Page - Willow Technologies Ltd DG38B-3021-30-5024 Datasheet HTML 2Page - Willow Technologies Ltd DG38B-3021-30-5024 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ordering codes
Type
Contact
Material
Contact
arrangement
Cover protec-
tion and
mounting
Coil code
D
G
3
8
B
-
-
-
Contact Material
10
-
AgCdO (30A/20A)
see Table 1
30
-
AgSnO
2 (40A/30A)
Contact Arrangement
11
-
SPDT ( 1 Changeover)
21
-
SPST-NO (1 Normally open)
Cover Protection Category
3
-
Covered, sealed. IP67
7
-
Covered, dust cover
Terminations and mounting
0
-
PCB mount + QC Terminals for contacts
DG38B
pcb & industrial power relay
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 3 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
Ref: DG38B 022916JHM
Notes:
1) All parameters, unless otherwise specified, are measured at an ambient temperature of 23°C.
2) PCB Mounting Holes - the “*” hole is not needed for the SPST-NO version.
3) At an ambient temperature of 85°C, the maximum allowable coil voltage should be reduced to 72%.
4) Electrical life obtained at resistive or inductive load at 30A/15VDC with suitable arc suppression attached and with an operating frequency of 1 op/sec.
Specifications are subject to change without notice. E&OE.


Similar Part No. - DG38B-3021-30-5024

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DG38B-3021-30-5024 WILLOW-DG38B-3021-30-5024 Datasheet
225Kb / 2P
   pcb and industrial power relay
More results

Similar Description - DG38B-3021-30-5024

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DG38L WILLOW-DG38L Datasheet
225Kb / 2P
   pcb and industrial power relay
DG38 WILLOW-DG38 Datasheet
279Kb / 3P
   pcb and industrial power relay
DG34 WILLOW-DG34 Datasheet
350Kb / 3P
   pcb / industrial power relay
logo
OEN India Limited
OEN45 OENINDIA-OEN45_18 Datasheet
248Kb / 2P
   INDUSTRIAL PCB RELAY
logo
Willow Technologies Ltd
DG19 WILLOW-DG19 Datasheet
324Kb / 3P
   pcb automotive / industrial relay
logo
American Electronic Com...
DLR AEC-DLR Datasheet
453Kb / 7P
   industrial power relay
logo
Willow Technologies Ltd
DLR WILLOW-DLR Datasheet
453Kb / 7P
   industrial power relay
logo
OEN India Limited
1R-2-6-1R OENINDIA-1R-2-6-1R Datasheet
305Kb / 1P
   MEDIUM POWER INDUSTRIAL RELAY
3R-1-6-4R OENINDIA-3R-1-6-4R Datasheet
32Kb / 1P
   MEDIUM POWER INDUSTRIAL RELAY
logo
TE Connectivity Ltd
RT1-DC TEC-RT1-DC Datasheet
336Kb / 3P
   Power PCB Relay RT1 DC and AC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com