Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74GTL16923DGGR Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74GTL16923DGGR
Description  18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74GTL16923DGGR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74GTL16923DGGR Datasheet HTML 3Page - Texas Instruments SN74GTL16923DGGR Datasheet HTML 4Page - Texas Instruments SN74GTL16923DGGR Datasheet HTML 5Page - Texas Instruments SN74GTL16923DGGR Datasheet HTML 6Page - Texas Instruments SN74GTL16923DGGR Datasheet HTML 7Page - Texas Instruments SN74GTL16923DGGR Datasheet HTML 8Page - Texas Instruments SN74GTL16923DGGR Datasheet HTML 9Page - Texas Instruments SN74GTL16923DGGR Datasheet HTML 10Page - Texas Instruments SN74GTL16923DGGR Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74GTL16923DGGR
ACTIVE
TSSOP
DGG
64
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
25-Feb-2005
Addendum-Page 1


Similar Part No. - SN74GTL16923DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTL16923DGGR TI-SN74GTL16923DGGR Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923DGGR TI-SN74GTL16923DGGR Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
More results

Similar Description - SN74GTL16923DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN54GTL16622A TI-SN54GTL16622A Datasheet
163Kb / 10P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16923 TI-SN54GTL16923 Datasheet
153Kb / 9P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16612 TI-SN54GTL16612 Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
logo
NXP Semiconductors
GTL1655DGG PHILIPS-GTL1655DGG Datasheet
127Kb / 23P
   16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
Rev. 01-11 May 2004
GTL2006 PHILIPS-GTL2006 Datasheet
127Kb / 14P
   13-bit GTL-/GTL/GTL to LVTTL translator
2004 Jun 21
logo
Texas Instruments
SN74GTL2006 TI-SN74GTL2006 Datasheet
161Kb / 10P
[Old version datasheet]   13-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
SN74GTL2007 TI-SN74GTL2007 Datasheet
173Kb / 10P
[Old version datasheet]   12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com