Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG55M-5021-79-1048-M1DR Datasheet(PDF) 3 Page - Willow Technologies Ltd

Part # DG55M-5021-79-1048-M1DR
Description  electric vehicle relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG55M-5021-79-1048-M1DR Datasheet(HTML) 3 Page - Willow Technologies Ltd

  DG55M-5021-79-1048-M1DR Datasheet HTML 1Page - Willow Technologies Ltd DG55M-5021-79-1048-M1DR Datasheet HTML 2Page - Willow Technologies Ltd DG55M-5021-79-1048-M1DR Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Fig. 2
DG55M
electric vehicle relay
Ref: DG55M 021617 JHM
Specifications are subject to change without notice. E&OE
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 3 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
Overall Dimensions
Fig. 1
Connection diagram
Fig. 3
Dimensions in mm
1 Form A
(D)
(DR)
(R)
a
+
-
Important!
Please observe polarity when connecting the load to Terminals
87 and 87a. Incorrect polarity will lead to reduced life.
with optional mounting bracket
15.0
4.0
ø 5.3
25.9
25.9
Ø 1.
65 ±
0.15
6.3
with optional mounting bracket
Top View showing fit on standard socket
(DZ85AB-5-WH2)
0
10
20
30
40
50
60
70
0
20
40
60
80
100
120
Amps
Load Current v. Load Voltage (DC) at 23°C (100K ops. 1s On/1s Off)
0
5
10
15
20
25
30
35
40
45
0
10
20
30
40
50
60
70
80
90
Amps
Load Current v. Load Voltage (DC) at 85°C (100K ops. 1s On/1s Off)
Volts DC
Volts DC


Similar Part No. - DG55M-5021-79-1048-M1DR

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG55M AEC-DG55M Datasheet
339Kb / 3P
   Fits standard Mini-ISO relay sockets
More results

Similar Description - DG55M-5021-79-1048-M1DR

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DEVR10 WILLOW-DEVR10 Datasheet
501Kb / 3P
   Electric Vehicle Contactor
DEVR40 WILLOW-DEVR40 Datasheet
651Kb / 4P
   Electric Vehicle Contactor
DEVR20 WILLOW-DEVR20 Datasheet
765Kb / 4P
   Electric Vehicle Contactor
logo
Bel Fuse Inc.
0AKL BEL-0AKL Datasheet
433Kb / 3P
   Electric Vehicle Auxiliary Fuses
Rev. 0AKL Sep2022
0AKN BEL-0AKN Datasheet
460Kb / 3P
   Electric Vehicle Power Fuses
Rev. 0AKN Feb2022
0AKM BEL-0AKM Datasheet
340Kb / 3P
   Electric Vehicle Auxiliary Fuses
Rev. 0AKM Aug2022
0ALE BEL-0ALE Datasheet
324Kb / 3P
   Electric vehicle auxiliary fuses
Rev. 0ALE Jun2022
logo
ITT Industries
CA-COM ITT-CA-COM Datasheet
84Kb / 1P
   Construction Equipment Electric Vehicle
logo
American Electronic Com...
HHC71-4 AEC-HHC71-4 Datasheet
431Kb / 3P
   Electric Vehicle Motor Control
logo
Bel Fuse Inc.
0AKK BEL-0AKK Datasheet
499Kb / 3P
   Electric Vehicle Power Fuses
Rev. 0AKK Jul2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com