Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF10A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SMF10A
Description  Surface Mount ESD Protection Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMF10A Datasheet(HTML) 1 Page - Vishay Siliconix

  SMF10A Datasheet HTML 1Page - Vishay Siliconix SMF10A Datasheet HTML 2Page - Vishay Siliconix SMF10A Datasheet HTML 3Page - Vishay Siliconix SMF10A Datasheet HTML 4Page - Vishay Siliconix SMF10A Datasheet HTML 5Page - Vishay Siliconix SMF10A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SMF5V0A to SMF51A
Document Number 85811
Rev. 2.0, 29-Apr-05
Vishay Semiconductors
www.vishay.com
1
17249
Surface Mount ESD Protection Diodes
Features
• For surface mounted applications
• Low-profile package
• Optimized for LAN protection applications
• Ideal for ESD protection of data lines in
accordance with IEC 61000-4-2 (IEC801-2)
• Ideal for EFT protection of data lines in
accordance with IEC 61000-4-4 (IEC801-4)
• IEC 61000-4-2 (ESD) 15 kV (air) 8 kV (contact)
• Low incremental surge resistance, excellent
clamping capability
• 200 W peak pulse power capability with a
10/1000
µs waveform, repetition rate
(duty cycle): 0.01 %
• Very fast response time
• High temperature soldering guaranteed:
260 °C/ 10 seconds at terminals
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Mechanical Data
Case: JEDEC DO-219AB (SMF®) Plastic case
Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity:The band denotes the cathode, which is
positive with respect to the anode under normal
TVS operation
Mounting Position: Any
Weight: approx. 15 mg
Packaging Codes/Options:
GS18 / 10 k per 13 " reel (8 mm tape), 50 k/box
GS08 / 3 k per 7 " reel (8 mm tape), 30 k/box
Absolute Maximum Ratings
Ratings at 25 °C, ambient temperature unless otherwise specified
1) Non-repetitive current pulse and derated above T
A = 25 °C
Thermal Characteristics
Ratings at 25 °C, ambient temperature unless otherwise specified
2) Mounted on epoxy glass PCB with 3 x 3 mm, Cu pads (
≥ 40 µm thick)
Parameter
Test condition
Symbol
Value
Unit
Peak pulse power dissipation
10/1000
µs waveform1)
PPPM
200
W
8/20
µs waveform1)
PPPM
1000
W
Peak pulse current
10/1000
µs waveform1)
IPPM
next
Table
A
Peak forward surge current
8.3 ms single half sine-wave
IFSM
20
A
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance2)
RthJA
180
K/W
Operation junction and storage
temperature range
Tstg, TJ
- 55 to + 150
°C
e3


Similar Part No. - SMF10A

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SMF10A DGNJDZ-SMF10A Datasheet
384Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
SMF10A ONSEMI-SMF10A Datasheet
69Kb / 6P
   Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
logo
Anova Technologies CO.,...
SMF10A ANOVA-SMF10A Datasheet
351Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
Vishay Siliconix
SMF10A VISHAY-SMF10A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
logo
SAMYANG ELECTRONICS CO....
SMF10A SAMYANG-SMF10A Datasheet
4Mb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMF10A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMF100A LUGUANG-SMF100A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF110A LUGUANG-SMF110A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF170A LUGUANG-SMF170A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF130A LUGUANG-SMF130A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Galaxy Semi-Conductor H...
SMF5V0A BILIN-SMF5V0A Datasheet
119Kb / 3P
   SURFACE MOUNT ESD PROTECTION DIODES
logo
Vishay Siliconix
SMF5V0A-M VISHAY-SMF5V0A-M_12 Datasheet
111Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 30-Nov-11
logo
Shenzhen Luguang Electr...
SMF85A LUGUANG-SMF85A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF5V0A LUGUANG-SMF5V0A Datasheet
168Kb / 3P
   Surface Mount ESD Protection Diodes
SMF90A LUGUANG-SMF90A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Vishay Siliconix
SMF22A-GS08 VISHAY-SMF22A-GS08 Datasheet
137Kb / 8P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 17-Oct-13
SMF36A-GS08 VISHAY-SMF36A-GS08 Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com