Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28780DR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28780DR
Description  Adaptive ZVS Active-Clamp Flyback Controller
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28780DR Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC28780DR Datasheet HTML 4Page - Texas Instruments UCC28780DR Datasheet HTML 5Page - Texas Instruments UCC28780DR Datasheet HTML 6Page - Texas Instruments UCC28780DR Datasheet HTML 7Page - Texas Instruments UCC28780DR Datasheet HTML 8Page - Texas Instruments UCC28780DR Datasheet HTML 9Page - Texas Instruments UCC28780DR Datasheet HTML 10Page - Texas Instruments UCC28780DR Datasheet HTML 11Page - Texas Instruments UCC28780DR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
8
UCC28780
SLUSD12 – OCTOBER 2017
www.ti.com
Product Folder Links: UCC28780
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over operating free-air temperature range, VVDD = 15V, RRDM = 115 kΩ, RRTZ = 140 kΩ, VBUR= 1.2 V, VSET = 0 V, RNTC = 50
k
Ω, VVS = 4 V, VSWS = 0 V, IFB = 0 μA, IHVG = 25 μA, and -40 ⁰C < TJ = TA < 125 ⁰C (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
PROTECTION
VOVP
Over-voltage threshold
VVS increasing
4.6
V
VOCP
Over-current threshold
VCS increasing
1.2
VCST(OPP)
Overpower threshold on CS pin
IVSL = 0 μA
600
mV
IVSL = -333 μA
537
IVSL = -666 μA
453
IVSL = -1.25 mA
425
KOPP
OPP threshold voltage ratio
VCST(OPP) ratio between IVSL = 0 μA
and IVSL = -1.25 mA
1.41
V/V
tOPP
OPP fault timer
IFB = 0 A
160
ms
IVSL(RUN)
VS line-sense run current
Current out of VS pin increasing
353
µA
IVSL(STOP)
VS line-sense stop current
Current out of VS pin decreasing
320
KVSL
VS line-sense ratio
IVSL(STOP) / IVSL(RUN)
0.9
A/A
tBO
Brown-out detection delay time
IVSL < IVSL(STOP)
60
ms
RRDM(TH)
RRDM threshold for CS pin fault
55
k
tCSF0
Max. PWML on time for detecting
CS pin fault
RRDM < RRDM(TH) for VSET = 0 V
1
µs
tCSF1
Max. PWML on time for detecting
CS pin fault
VSET = 5 V
2
µs
tFDR
Fault reset delay timer
OCP, OPP, OVP, SCP, or CS pin
fault
1.5
s
TJ(stop)
Thermal shut-down temperature
Internal junction temperature
125
160
°C
NTC INPUT
RNTCTH
NTC shut-down resistance
RNTC decreasing
10.0
k
RNTCR
NTC recovery resistance
RNTC increasing
22.5
k
INTC
NTC pull-up current, out of pin
RNTC = 12 kΩ
100
µA
BUR INPUT AND LOW POWER MODE
KBUR-CST
Ratio from VBUR to VCST
VCST between VCST(OPP1) and 0.7 V
4
V/V
fBR(UP)
Upper threshold of burst rate
frequency
34
kHz
fBR(LR)
Lower threshold of burst rate
frequency
21
25
29
kHz
fLPM
Burst rate frequency in low power
mode
21
25
29
kHz
RTZ INPUT
tZ(MAX)
Maximum programmable dead time
from PWMH low to PWML high
RRTZ = 200 kΩ, IVSL = -1 mA, VSET =
5 V
490
ns
tZ(MIN)
Minimum programmable dead time
from PWMH low to PWML high
RRTZ = 56 kΩ, IVSL = -1 mA, VSET =
0 V
70
ns
tZ
Dead time from PWMH low to
PWML high
IVSL = -200 μA
158
175
193
ns
IVSL = -450 μA
150
ns
IVSL = -733 μA
109
125
139
ns
KTZ
TZ compensation ratio
TZ ratio between IVSL = -200 μA and
IVSL = -733 μA
1.4
V/V


Similar Part No. - UCC28780DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28781 TI-UCC28781 Datasheet
4Mb / 83P
[Old version datasheet]   UCC28781 Zero-Voltage-Switching Flyback Controller with Dedicated Synchronous Rectifier Gate-Drive
DECEMBER 2021
UCC28781-Q1 TI-UCC28781-Q1 Datasheet
4Mb / 84P
[Old version datasheet]   UCC28781-Q1 Zero-Voltage-Switching Flyback Controller with Dedicated Synchronous Rectifier Gate-Drive
NOVEMBER 2021
UCC28781-Q1 TI-UCC28781-Q1 Datasheet
4Mb / 83P
[Old version datasheet]   UCC28781 Zero-Voltage-Switching Flyback Controller with Dedicated Synchronous Rectifier Gate-Drive
DECEMBER 2021
UCC28781ARTWR TI-UCC28781ARTWR Datasheet
4Mb / 83P
[Old version datasheet]   UCC28781 Zero-Voltage-Switching Flyback Controller with Dedicated Synchronous Rectifier Gate-Drive
DECEMBER 2021
UCC28781QRTWRQ1 TI-UCC28781QRTWRQ1 Datasheet
4Mb / 84P
[Old version datasheet]   UCC28781-Q1 Zero-Voltage-Switching Flyback Controller with Dedicated Synchronous Rectifier Gate-Drive
NOVEMBER 2021
More results

Similar Description - UCC28780DR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3306 DIODES-AP3306 Datasheet
1Mb / 13P
   HIGHLY INTEGRATED ACTIVE CLAMP FLYBACK PWM CONTROLLER
Rev. 6 - 2 May 2022
logo
STMicroelectronics
SRK1001 STMICROELECTRONICS-SRK1001 Datasheet
605Kb / 27P
   Adaptive synchronous rectification controller for flyback converter
DS13155 - Rev 1 - November 2019
logo
ON Semiconductor
NCP1568 ONSEMI-NCP1568 Datasheet
823Kb / 42P
   AC-DC Active Clamp Flyback PWM IC
July, 2020 ??Rev. 4
logo
STMicroelectronics
SRK1000A STMICROELECTRONICS-SRK1000A Datasheet
1Mb / 27P
   Adaptive synchronous rectification controller for flyback converter
October 2018 DS12787 Rev 1
logo
ON Semiconductor
NCP1568 ONSEMI-NCP1568_V01 Datasheet
811Kb / 42P
   AC-DC Active Clamp Flyback PWM IC
August, 2021 - Rev. 5
logo
Intersil Corporation
ISL6726 INTERSIL-ISL6726 Datasheet
900Kb / 20P
   Active Clamp Forward PWM Controller
logo
Texas Instruments
LM5027 TI1-LM5027 Datasheet
1Mb / 35P
[Old version datasheet]   Voltage Mode Active Clamp Controller
logo
Renesas Technology Corp
ISL6726 RENESAS-ISL6726 Datasheet
1Mb / 21P
   Active Clamp Forward PWM Controller
logo
Texas Instruments
LM5027A TI-LM5027A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Voltage Mode Active Clamp Controller
logo
Intersil Corporation
ISL6726AAZ INTERSIL-ISL6726AAZ Datasheet
897Kb / 20P
   Active Clamp Forward PWM Controller
January 31, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com