Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28056DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28056DBVT
Description  6-Pin Single-Phase Transition-Mode PFC Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28056DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC28056DBVT Datasheet HTML 3Page - Texas Instruments UCC28056DBVT Datasheet HTML 4Page - Texas Instruments UCC28056DBVT Datasheet HTML 5Page - Texas Instruments UCC28056DBVT Datasheet HTML 6Page - Texas Instruments UCC28056DBVT Datasheet HTML 7Page - Texas Instruments UCC28056DBVT Datasheet HTML 8Page - Texas Instruments UCC28056DBVT Datasheet HTML 9Page - Texas Instruments UCC28056DBVT Datasheet HTML 10Page - Texas Instruments UCC28056DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
7
UCC28056
www.ti.com
SLUSD37 – OCTOBER 2017
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LINE VOLTAGE FEED-FORWARD
THLinMax
Line peak sampling window (1)
While switching
11
12.3
13.6
ms
VFF0Rise
Comparator rising threshold switching
from GFF0 to GFF1
(1)
0.348
V
VFF1Rise
Comparator rising threshold switching
from GFF1 to GFF2
(1)
0.406
V
VFF2Rise
Comparator rising threshold switching
from GFF2 to GFF3
(1)
0.473
V
VFF3Rise
Comparator rising threshold switching
from GFF3 to GFF4
(1)
0.552
V
VFF4Rise
Comparator rising threshold switching
from GFF4 to GFF5
(1)
0.644
V
VFF5Rise
Comparator rising threshold switching
from GFF5 to GFF6
(1)
0.751
V
VFF6Rise
Comparator rising threshold switching
from GFF6 to GFF7
(1)
0.875
V
VFF0Fall
Comparator falling threshold switching
from GFF1 to GFF0
(1)
Peak value of VInSynth within THLinMax
Window
0.331
V
VFF1Fall
Comparator falling threshold switching
from GFF2 to GFF1
(1)
Peak value of VInSynth within THLinMax
Window
0.386
V
VFF2Fall
Comparator falling threshold switching
from GFF3 to GFF2
(1)
Peak value of VInSynth within THLinMax
Window
0.45
V
VFF3Fall
Comparator falling threshold switching
from GFF4 to GFF3
(1)
Peak value of VInSynth within THLinMax
Window
0.524
V
VFF4Fall
Comparator falling threshold switching
from GFF5 to GFF4
(1)
Peak value of VInSynth within THLinMax
Window
0.612
V
VFF5Fall
Comparator falling threshold switching
from GFF6 to GFF5
(1)
Peak value of VInSynth within THLinMax
Window
0.713
V
VFF6Fall
Comparator falling threshold switching
from GFF7 to GFF6
(1)
Peak value of VInSynth within THLinMax
Window
0.832
V
GFF0
Line Feed-Forward gain level 0 (1)
1
V
GFF1
Line Feed-Forward gain level 1 (1)
0.735
V
GFF2
Line Feed-Forward gain level 2 (1)
0.541
V
GFF3
Line Feed-Forward gain level 3 (1)
0.398
V
GFF4
Line Feed-Forward gain level 4 (1)
0.292
V
GFF5
Line Feed-Forward gain level 5 (1)
0.215
V
GFF6
Line Feed-Forward gain level 6 (1)
0.158
V
GFF7
Line Feed-Forward gain level 7 (1)
0.116
V


Similar Part No. - UCC28056DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28056DBVT TI1-UCC28056DBVT Datasheet
2Mb / 53P
[Old version datasheet]   UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
More results

Similar Description - UCC28056DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28056 TI1-UCC28056_V01 Datasheet
2Mb / 53P
[Old version datasheet]   UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
logo
STMicroelectronics
L6564TD STMICROELECTRONICS-L6564TD Datasheet
680Kb / 33P
   10-pin transition-mode PFC controller
L6564T STMICROELECTRONICS-L6564T Datasheet
680Kb / 33P
   10-pin transition-mode PFC controller
L6564 STMICROELECTRONICS-L6564 Datasheet
815Kb / 34P
   10 pin transition-mode PFC controller
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
   Transition-mode PFC controller
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
   Transition-mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
   Transition Mode PFC controller
logo
STMicroelectronics
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
   TRANSITION-MODE PFC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com