Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC21220DR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCC21220DR
Description  4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC21220DR Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC21220DR Datasheet HTML 7Page - Texas Instruments UCC21220DR Datasheet HTML 8Page - Texas Instruments UCC21220DR Datasheet HTML 9Page - Texas Instruments UCC21220DR Datasheet HTML 10Page - Texas Instruments UCC21220DR Datasheet HTML 11Page - Texas Instruments UCC21220DR Datasheet HTML 12Page - Texas Instruments UCC21220DR Datasheet HTML 13Page - Texas Instruments UCC21220DR Datasheet HTML 14Page - Texas Instruments UCC21220DR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0.5
1
1.5
2
2.5
D001
IN/DIS High
IN/DIS Low
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
750
775
800
825
850
875
D001
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
7.5
7.8
8.1
8.4
8.7
9
D001
VVDD_ON
VVDD_OFF
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
500
510
520
530
540
D001
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
2.4
2.5
2.6
2.7
2.8
2.9
D001
VVCCI_ON
VVCCI_OFF
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
188
192
196
200
204
208
212
D001
11
UCC21220
www.ti.com
SLUSCK0 – NOVEMBER 2017
Product Folder Links: UCC21220
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
VDDA = VDDB = 12 V, VCCI = 3.3 or 5.0 V, TA = 25°C, CL=0pF unless otherwise noted.
Figure 9. VCCI UVLO Threshold Voltage
Figure 10. VCCI UVLO Threshold Hysteresis Voltage
Figure 11. VDD UVLO Threshold Voltage
Figure 12. VDD UVLO Threshold Hysteresis Voltage
Figure 13. INA/INB/DIS High and Low Threshold Voltage
Figure 14. INA/INB/DIS High and Low Threshold Hysteresis


Similar Part No. - UCC21220DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21220DR TI1-UCC21220DR Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
More results

Similar Description - UCC21220DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21220 TI1-UCC21220_18 Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21222 TI1-UCC21222 Datasheet
1Mb / 43P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
UCC21222-Q1 TI1-UCC21222-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
UCC21225A TI1-UCC21225A Datasheet
1Mb / 45P
[Old version datasheet]   4-A, 6-A, 2.5-kVRMS Isolated Dual-Channel Gate Driver in LGA
UCC21520-Q1 TI1-UCC21520-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520-Q1 TI1-UCC21520-Q1_18 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC20520 TI1-UCC20520 Datasheet
977Kb / 42P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Single Input
UCC21521 TI1-UCC21521 Datasheet
986Kb / 44P
[Old version datasheet]   UCC21521 4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Enable
UCC21320-Q1 TI1-UCC21320-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   UCC21320-Q1 4-A, 6-A, 3.75-kVRMS Isolated Dual-Channel Gate Driver for Automotive
logo
ON Semiconductor
NCP51561 ONSEMI-NCP51561 Datasheet
3Mb / 32P
   5 kVrms 4.5-A/9-A Isolated Dual Channel Gate Driver
October, 2022 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com