Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC21520QDWQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC21520QDWQ1
Description  4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC21520QDWQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC21520QDWQ1 Datasheet HTML 5Page - Texas Instruments UCC21520QDWQ1 Datasheet HTML 6Page - Texas Instruments UCC21520QDWQ1 Datasheet HTML 7Page - Texas Instruments UCC21520QDWQ1 Datasheet HTML 8Page - Texas Instruments UCC21520QDWQ1 Datasheet HTML 9Page - Texas Instruments UCC21520QDWQ1 Datasheet HTML 10Page - Texas Instruments UCC21520QDWQ1 Datasheet HTML 11Page - Texas Instruments UCC21520QDWQ1 Datasheet HTML 12Page - Texas Instruments UCC21520QDWQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
9
UCC21520-Q1
www.ti.com
SLUSCQ2 – OCTOBER 2017
Product Folder Links: UCC21520-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
VVCCI = 3.3 V or 5 V, 0.1-µF capacitor from VCCI to GND, VVDDA = VVDDB = 12 V, 1-µF capacitor from VDDA and VDDB to
VSSA and VSSB, TA = –40°C to +125°C, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
IOA+, IOB+
Peak output source current
CVDD = 10 µF, CLOAD = 0.18 µF, f
= 1 kHz, bench measurement
4
A
IOA-, IOB-
Peak output sink current
CVDD = 10 µF, CLOAD = 0.18 µF, f
= 1 kHz, bench measurement
6
A
ROHA, ROHB
Output resistance at high state
IOUT = –10 mA, TA = 25°C, ROHA,
ROHB do not represent drive pull-
up performance. See tRISE in
Switching Characteristics and
Output Stage for details.
5
Ω
ROLA, ROLB
Output resistance at low state
IOUT = 10 mA, TA = 25°C
0.55
Ω
VOHA, VOHB
Output voltage at high state
VVDDA, VVDDB = 12 V, IOUT = –10
mA, TA = 25°C
11.95
V
VOLA, VOLB
Output voltage at low state
VVDDA, VVDDB = 12 V, IOUT = 10
mA, TA = 25°C
5.5
mV
DEADTIME AND OVERLAP PROGRAMMING
Dead time
Pull DT pin to VCCI
Overlap determined by INA INB
-
DT pin is left open, min spec
characterized only, tested for
outliers
0
8
15
ns
RDT = 20 kΩ
160
200
240
ns
6.10 Switching Characteristics
VVCCI = 3.3 V or 5 V, 0.1-µF capacitor from VCCI to GND, VVDDA = VVDDB = 12 V, 1-µF capacitor from VDDA and VDDB to
VSSA and VSSB, TA = –40°C to +125°C, (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tRISE
Output rise time, 20% to 80%
measured points
COUT = 1.8 nF
6
16
ns
tFALL
Output fall time, 90% to 10%
measured points
COUT = 1.8 nF
7
12
ns
tPWmin
Minimum pulse width
Output off for less than minimum,
COUT = 0 pF
20
ns
tPDHL
Propagation delay from INx to OUTx
falling edges
19
30
ns
tPDLH
Propagation delay from INx to OUTx
rising edges
19
30
ns
tPWD
Pulse width distortion |tPDLH – tPDHL|
6
ns
tDM
Propagation delays matching
between VOUTA, VOUTB
f = 100 kHz
5
ns
|CMH|
High-level common-mode transient
immunity
INA and INB both are tied to VCCI;
VCM=1500V; (See CMTI Testing)
100
V/ns
|CML|
Low-level common-mode transient
immunity
INA and INB both are tied to GND;
VCM=1500V; (See CMTI Testing)
100


Similar Part No. - UCC21520QDWQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21520QDWQ1 TI1-UCC21520QDWQ1 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
More results

Similar Description - UCC21520QDWQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21520-Q1 TI1-UCC21520-Q1_18 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC20520 TI1-UCC20520 Datasheet
977Kb / 42P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Single Input
UCC21521 TI1-UCC21521 Datasheet
986Kb / 44P
[Old version datasheet]   UCC21521 4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Enable
UCC21220 TI1-UCC21220 Datasheet
724Kb / 39P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21320-Q1 TI1-UCC21320-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   UCC21320-Q1 4-A, 6-A, 3.75-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21220 TI1-UCC21220_18 Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21530 TI1-UCC21530 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with 3.3-mm Channel-to-Channel Spacing
UCC21530-Q1 TI1-UCC21530-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with 3.3-mm Channel-to-Channel Spacing
UCC21225A TI1-UCC21225A Datasheet
1Mb / 45P
[Old version datasheet]   4-A, 6-A, 2.5-kVRMS Isolated Dual-Channel Gate Driver in LGA
UCC21222-Q1 TI1-UCC21222-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com