Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB1042I Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1042I
Description  USB Type-C 10 Gbps 2:1 Linear Redriver Switch
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1042I Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB1042I Datasheet HTML 7Page - Texas Instruments TUSB1042I Datasheet HTML 8Page - Texas Instruments TUSB1042I Datasheet HTML 9Page - Texas Instruments TUSB1042I Datasheet HTML 10Page - Texas Instruments TUSB1042I Datasheet HTML 11Page - Texas Instruments TUSB1042I Datasheet HTML 12Page - Texas Instruments TUSB1042I Datasheet HTML 13Page - Texas Instruments TUSB1042I Datasheet HTML 14Page - Texas Instruments TUSB1042I Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Time (33.33 ps/Div)
Time (16.67 ps/Div)
11
TUSB1042I
www.ti.com
SLLSF15A – AUGUST 2017 – REVISED OCTOBER 2017
Product Folder Links: TUSB1042I
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. USB 3.1 Gen1 Eye-Pattern Performance with 12-
inch Input PCB Trace at 5 Gbps
Figure 8. USB 3.1 Gen2 Eye-Pattern Performance with
12-inch Input PCB Trace at 10 Gbps


Similar Part No. - TUSB1042I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1042I TI1-TUSB1042I Datasheet
695Kb / 33P
[Old version datasheet]   USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1042IRNQR TI1-TUSB1042IRNQR Datasheet
695Kb / 33P
[Old version datasheet]   USB Type-C 10 Gbps 2:1 Linear Redriver Switch
More results

Similar Description - TUSB1042I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1042I TI1-TUSB1042I Datasheet
695Kb / 33P
[Old version datasheet]   USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1142 TI-TUSB1142 Datasheet
1Mb / 55P
[Old version datasheet]   TUSB1142 USB Type-C??10 Gbps USB 3.2 2:1/1:2 Mux/DeMux Adaptive Linear Redriver
APRIL 2022
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
[Old version datasheet]   USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
[Old version datasheet]   USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
[Old version datasheet]   USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB542 TI1-TUSB542 Datasheet
1Mb / 23P
[Old version datasheet]   USB Type-C 5 Gbps Redriver 2:1 MUX
TUSB1104 TI-TUSB1104 Datasheet
1Mb / 55P
[Old version datasheet]   TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
APRIL 2022
TUSB1146 TI1-TUSB1146 Datasheet
1Mb / 66P
[Old version datasheet]   TUSB1146 USB Type-C??DisplayPort??Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1044 TI1-TUSB1044_18 Datasheet
2Mb / 67P
[Old version datasheet]   USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1044 TI1-TUSB1044 Datasheet
2Mb / 67P
[Old version datasheet]   USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com