Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG55M-5021-76-1012-NILNIL Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # DG55M-5021-76-1012-NILNIL
Description  electric vehicle relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG55M-5021-76-1012-NILNIL Datasheet(HTML) 1 Page - Willow Technologies Ltd

  DG55M-5021-76-1012-NILNIL Datasheet HTML 1Page - Willow Technologies Ltd DG55M-5021-76-1012-NILNIL Datasheet HTML 2Page - Willow Technologies Ltd DG55M-5021-76-1012-NILNIL Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DG55M
electric vehicle relay
Contacts
Contact number & arrangement
SPST-NO (1 Form A)
Contact material
AgSnO
2
Max. switching voltage
DC
110VDC - current dependent (see Fig. 2)
Contact rating
12VDC
80VDC
Max. continuous current*
SPST-NO
40A
20A
Max. switching current - make (inrush)*
SPST-NO
120A
120A
Max. switching current - break*
SPST-NO
60A
20A
Min. switching current
1A/5VDC
* At ambient 23°C.
At ambient 85°C, Max. continuous current at 80VDC = 8A
Initial contact resistance
<100mΩ at 0.1A/6VDC
Coil
Rated voltage
DC
12V (24V - consult factory)
Must release voltage
0.10Un - see coil table 1 for more information.
Operating range of supply voltage
See coil table 1
Rated power consumption
2W
Insulation
Insulation resistance
100MΩ at 500VDC, 50%RH, 25°C
Dielectric strength.
Coil to contact
600Vrms / 1 min
General Data
Operate time
≤ 10msec
Release time
≤ 12msec
Electrical Life
ops
1 x 105 (8A @ 80VDC, 1 sec ON / 1 sec OFF, resistive)
Mechanical life
ops
1 x 107
Dimensions
L x W x H
25.9 x 25.9 x 24.9mm (excluding terminals) - see drawings for more infor-
mation
Weight
34g approx.
Ambient temperature
-40 to 85°C (Operating). Consult factory for ambient above 85°C
-40 to 155°C (Storage)
Shock resistance
Destructive
196m/s2(20g)
Functional
98m/s2(10g)
Vibration resistance
10 to 40Hz DA 1.27mm; 40-70Hz:5g / 70-100Hz DA 0.5mm, 100 -
500Hz:5g
Cover protection category
IP54 Dust cover
• General purpose automotive or electric vehicle relays
• Up to 20A @ 80VDC switch capability (100K ops.)
• 40A continuous DC current capacity (at 23
°C)
• Fits standard Mini-ISO relay sockets
• Special terminal arrangement - “ordinary” Mini-ISO
relay inserted in DG55M socket will be safe.
• RoHS Compliant
Ref: DG55M 021617 JHM
Specifications are subject to change without notice. E&OE
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 1 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552


Similar Part No. - DG55M-5021-76-1012-NILNIL

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG55M AEC-DG55M Datasheet
339Kb / 3P
   Fits standard Mini-ISO relay sockets
More results

Similar Description - DG55M-5021-76-1012-NILNIL

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DEVR10 WILLOW-DEVR10 Datasheet
501Kb / 3P
   Electric Vehicle Contactor
DEVR40 WILLOW-DEVR40 Datasheet
651Kb / 4P
   Electric Vehicle Contactor
DEVR20 WILLOW-DEVR20 Datasheet
765Kb / 4P
   Electric Vehicle Contactor
logo
Bel Fuse Inc.
0AKL BEL-0AKL Datasheet
433Kb / 3P
   Electric Vehicle Auxiliary Fuses
Rev. 0AKL Sep2022
0AKN BEL-0AKN Datasheet
460Kb / 3P
   Electric Vehicle Power Fuses
Rev. 0AKN Feb2022
0AKM BEL-0AKM Datasheet
340Kb / 3P
   Electric Vehicle Auxiliary Fuses
Rev. 0AKM Aug2022
0ALE BEL-0ALE Datasheet
324Kb / 3P
   Electric vehicle auxiliary fuses
Rev. 0ALE Jun2022
logo
ITT Industries
CA-COM ITT-CA-COM Datasheet
84Kb / 1P
   Construction Equipment Electric Vehicle
logo
American Electronic Com...
HHC71-4 AEC-HHC71-4 Datasheet
431Kb / 3P
   Electric Vehicle Motor Control
logo
Bel Fuse Inc.
0AKK BEL-0AKK Datasheet
499Kb / 3P
   Electric Vehicle Power Fuses
Rev. 0AKK Jul2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com