Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMH4811AS Datasheet(PDF) 5 Page - Summit Microelectronics, Inc.

Part # SMH4811AS
Description  DISTRIBUTED POWER HOT SWAP CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4811AS Datasheet(HTML) 5 Page - Summit Microelectronics, Inc.

  SMH4811AS Datasheet HTML 1Page - Summit Microelectronics, Inc. SMH4811AS Datasheet HTML 2Page - Summit Microelectronics, Inc. SMH4811AS Datasheet HTML 3Page - Summit Microelectronics, Inc. SMH4811AS Datasheet HTML 4Page - Summit Microelectronics, Inc. SMH4811AS Datasheet HTML 5Page - Summit Microelectronics, Inc. SMH4811AS Datasheet HTML 6Page - Summit Microelectronics, Inc. SMH4811AS Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4811AS Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4811AS Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
2044 6.1 2/8/01
SMH4811A
SUMMIT MICROELECTRONICS, Inc.
Preliminary
DC OPERATING CHARACTERISTICS
(Over Recommended Operating Conditions; Voltages are relative to VSS)
2044 Elect Table
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
v
y
l
p
p
u
SI
D
D
A
m
3
=1
12
13
1V
F
E
R
V
0
.
5t
u
p
t
u
o
e
c
n
e
r
e
f
e
r
V
5I
D
D
A
m
3
=5
7
.
40
0
.
55
2
.
5V
I
5
D
A
O
L
t
n
e
r
r
u
c
t
u
p
t
u
o
e
c
n
e
r
e
f
e
r
V
5I
D
D
A
m
3
=1
1A
m
F
E
R
V
5
.
2t
u
p
t
u
o
e
c
n
e
r
e
f
e
r
V
5
.
2
I
D
D
A
m
3
=)
1
(5
7
4
.
20
0
5
.
25
2
5
.
2V
I
D
D
A
m
3
=5
2
4
.
20
0
5
.
25
7
5
.
2V
I
5
.
2
D
A
O
L
t
n
e
r
r
u
c
t
u
p
t
u
o
e
c
n
e
r
e
f
e
r
V
5
.
2I
D
D
A
m
3
=2
.
0
1A
m
I
D
D
t
n
e
r
r
u
c
y
l
p
p
u
s
r
e
w
o
Pd
e
l
b
a
n
e
t
u
p
t
u
O2
0
1A
m
V
V
U
d
l
o
h
s
e
r
h
t
e
g
a
t
l
o
V
-
r
e
d
n
U
I
D
D
A
m
3
=)
1
(5
7
4
.
20
0
5
.
25
2
5
.
2V
I
D
D
A
m
3
=5
2
4
.
20
0
5
.
25
7
5
.
2V
V
T
S
Y
H
V
U
s
i
s
e
r
e
t
s
y
h
e
g
a
t
l
o
V
-
r
e
d
n
UI
D
D
A
m
3
=0
1V
m
V
V
O
d
l
o
h
s
e
r
h
t
e
g
a
t
l
o
V
-
r
e
v
O
I
D
D
A
m
3
=)
1
(5
7
4
.
20
0
5
.
25
2
5
.
2V
I
D
D
A
m
3
=5
2
4
.
20
0
5
.
25
7
5
.
2V
V
T
S
Y
H
V
O
s
i
s
e
r
e
t
s
y
h
e
g
a
t
l
o
V
-
r
e
v
OI
D
D
A
m
3
=0
1V
m
V
E
T
A
G
V
e
g
a
t
l
o
v
t
u
p
t
u
o
E
T
A
G
V
V
D
D
V
I
E
T
A
G
V
t
u
p
t
u
o
t
n
e
r
r
u
c
E
T
A
G
V0
0
1A
µ
V
E
S
N
E
S
d
l
o
h
s
e
r
h
t
E
S
N
E
S
N
I
A
R
D
I
D
D
A
m
3
=)
1
(5
7
4
.
20
0
5
.
25
2
5
.
2V
I
D
D
A
m
3
=5
2
4
.
20
0
5
.
25
7
5
.
2V
I
E
S
N
E
S
t
u
p
t
u
o
t
n
e
r
r
u
c
E
S
N
E
S
N
I
A
R
DV
E
S
N
E
S
V
=
S
S
)
1
(9
0
11
1A
µ
V
B
C
d
l
o
h
s
e
r
h
t
r
e
k
a
e
r
b
t
i
u
c
r
i
CI
D
D
A
m
3
=0
40
50
6V
m
V
B
C
Q
t
i
u
c
r
i
c
p
i
r
T
k
c
i
u
Q
e
l
b
a
m
m
a
r
g
o
r
P
d
l
o
h
s
e
r
h
t
r
e
k
a
e
r
b
0
0
2V
m
0
0
1V
m
0
6V
m
f
f
O
V
S
T
N
E
d
l
o
h
s
e
r
h
t
S
T
/
N
E
I
D
D
A
m
3
=)
1
(5
7
4
.
20
0
5
.
25
2
5
.
2V
I
D
D
A
m
3
=5
2
4
.
20
0
5
.
25
7
5
.
2V
V
T
S
Y
H
S
T
N
E
s
i
s
e
r
e
t
s
y
h
S
T
/
N
EI
D
D
A
m
3
=0
1V
m
V
H
I
G
P
N
E
:
e
g
a
t
l
o
v
h
g
i
h
t
u
p
n
I2
F
E
R
V
0
.
5V
V
L
I
G
P
N
E
:
e
g
a
t
l
o
v
w
o
l
t
u
p
n
I1
.
0
8
.
0V
V
L
O
#
T
L
U
A
F
:
e
g
a
t
l
o
v
w
o
l
t
u
p
t
u
OI
L
O
A
m
2
=0
4
.
0V
#
G
P
:
e
g
a
t
l
o
v
w
o
l
t
u
p
t
u
OI
K
N
I
S
A
m
2
=0
4
.
0V
V
T
G
d
l
o
h
s
e
r
h
t
e
t
a
G7
.
08
.
10
.
3V
Note:
(1) TA = 25ºC.


Similar Part No. - SMH4811AS

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4811A SUMMIT-SMH4811A_09 Datasheet
936Kb / 15P
   Programmable Distributed Power Hot-Swap Controller for High-Availability Systems
More results

Similar Description - SMH4811AS

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
logo
List of Unclassifed Man...
SMT4004 ETC-SMT4004 Datasheet
480Kb / 23P
   Distributed Power Hot-Swap Controller
logo
Summit Microelectronics...
SMH4803A SUMMIT-SMH4803A Datasheet
430Kb / 19P
   Distributed Power Hot Swap Controller
SMH4812 SUMMIT-SMH4812 Datasheet
435Kb / 19P
   Distributed Power Hot-Swap Controller
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4811A SUMMIT-SMH4811A_09 Datasheet
936Kb / 15P
   Programmable Distributed Power Hot-Swap Controller for High-Availability Systems
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com