Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

O917A151TRGZRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # O917A151TRGZRQ1
Description  Power Management Unit (PMU) for Processor
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

O917A151TRGZRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  O917A151TRGZRQ1 Datasheet HTML 1Page - Texas Instruments O917A151TRGZRQ1 Datasheet HTML 2Page - Texas Instruments O917A151TRGZRQ1 Datasheet HTML 3Page - Texas Instruments O917A151TRGZRQ1 Datasheet HTML 4Page - Texas Instruments O917A151TRGZRQ1 Datasheet HTML 5Page - Texas Instruments O917A151TRGZRQ1 Datasheet HTML 6Page - Texas Instruments O917A151TRGZRQ1 Datasheet HTML 7Page - Texas Instruments O917A151TRGZRQ1 Datasheet HTML 8Page - Texas Instruments O917A151TRGZRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 89 page
background image
5
TPS65917-Q1
www.ti.com
SLVSCO4C – JULY 2015 – REVISED MARCH 2017
Submit Documentation Feedback
Product Folder Links: TPS65917-Q1
Revision History
Copyright © 2015–2017, Texas Instruments Incorporated
2
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (November 2015) to Revision C
Page
First public release of full data sheet
............................................................................................... 1
Added recommendation for external pulldown resistor on the LDOVRTC_OUT pin in the Pin Attributes table
......... 7
Added OTP to the PU/PD selection for GPIO_1 as NRESWARM in the Signal Descriptions table
...................... 9
Changed the caption of the SMPS Efficiency For SMPS1 and SMPS 2 in Dual-Phase PWM Mode graph to
SMPS Load Regulation for SMPS1 and SMPS2 Single-Phase PWM Mode in the Typical Characteristics section
... 26
Added the SMPS Load regulation for SMPS3, PWM Mode graph to the Typical Characteristics section
.............. 26
Changed single-phase to dual-phase and increased the output current to 7 A in the SMPS Load Regulation for
SMPS12 graph in the Typical Characteristics section
.......................................................................... 26
Changed the debounce for PWRON to N/A in the ON Requests table
...................................................... 33
Added description of VIO power-up timing in the Device Power Up Timing section
....................................... 37
Changed the description of the LDOVRTC when in the BACKUP and OFF states and added a note in the
LDOVRTC section
.................................................................................................................. 49
Added the note and pulldown equations to the System Voltage Monitoring section
....................................... 66
Changed the SMPS1 voltage, SMPS2 voltage, and LDO2 voltage in the Design Parameters table
................... 71
Changed the Electrostatic Discharge Caution statement
...................................................................... 81
Changes from Revision A (November 2015) to Revision B
Page
Added statement to the Current Monitoring and Short Circuit Detection section that the
SMPS_SHORT_REGISTER bit will keep a resource off until it is cleared
................................................. 45
Changes from Original (July 2015) to Revision A
Page
Deleted the PPU type and changed the connection from floating to VRTC for the GPIO_1 pin when used only as
an input with the secondary function as NRESWARM
.......................................................................... 7
Updated Max value of Device Off Mode Current Consumption from 45 µA to 55 µA
..................................... 19
Changed the units for the x axis from mA to A in graphs D002 to D008
................................................... 26
Added register names for the GPADC channel 3 D1 & D2 trim when HIGH_VCC_SENSE = 1
......................... 53


Similar Part No. - O917A151TRGZRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
O917A151TRGZRQ1 TI1-O917A151TRGZRQ1 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
O917A151TRGZRQ1 TI1-O917A151TRGZRQ1 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
O917A151TRGZRQ1 TI-O917A151TRGZRQ1 Datasheet
2Mb / 93P
[Old version datasheet]   TPS65917-Q1 Power Management Unit (PMU) for Processor
FEBRUARY 2019
More results

Similar Description - O917A151TRGZRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65919-Q1 TI1-TPS65919-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_18 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_1806 TI1-TPS65917-Q1_1806 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65919-Q1 TI1-TPS65919-Q1_17 Datasheet
2Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS659037 TI1-TPS659037_17 Datasheet
1Mb / 99P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS659038-Q1 TI1-TPS659038-Q1_18 Datasheet
2Mb / 109P
[Old version datasheet]   Automotive Power Management Unit (PMU) for Processor
TPS659038-Q1 TI1-TPS659038-Q1 Datasheet
880Kb / 14P
[Old version datasheet]   Automotive Power Management Unit (PMU) for Processor
TPS65917-Q1 TI-TPS65917-Q1_V01 Datasheet
2Mb / 93P
[Old version datasheet]   TPS65917-Q1 Power Management Unit (PMU) for Processor
FEBRUARY 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com