Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS6508700RSKR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS6508700RSKR
Description  PMIC for AMD Family 17h Models 10h-1Fh Processors
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS6508700RSKR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS6508700RSKR Datasheet HTML 6Page - Texas Instruments TPS6508700RSKR Datasheet HTML 7Page - Texas Instruments TPS6508700RSKR Datasheet HTML 8Page - Texas Instruments TPS6508700RSKR Datasheet HTML 9Page - Texas Instruments TPS6508700RSKR Datasheet HTML 10Page - Texas Instruments TPS6508700RSKR Datasheet HTML 11Page - Texas Instruments TPS6508700RSKR Datasheet HTML 12Page - Texas Instruments TPS6508700RSKR Datasheet HTML 13Page - Texas Instruments TPS6508700RSKR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 100 page
background image
10
TPS6508700
SWCS134 – OCTOBER 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS6508700
Specifications
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics: Reference and Monitoring System (continued)
over recommended free-air temperature range and over recommended input voltage range (typical values are at TA = 25°C)
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IQ
Quiescent current
VIN = 13 V,
IOUT = 0 A
20
µA
COUT
External output capacitance
2.2
4.7
10
µF
4.7
Electrical Characteristics: Buck Controllers
over recommended input voltage range, TA = –40°C to +85°C and TA = 25°C for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BUCK1
VIN
Power input voltage for external HSD
FET
5.6
13
21
V
VFBVOU
T1
Internal reference regulation voltage
TA = 25°C
0.392
0.4
0.408
V
ILIM_LSD
Low-side output valley current limit
accuracy (programmed by external
resistor RLIM)
–15%
15%
ILIMREF
Source current out of ILIM1 pin
TA = 25°C
45
50
55
µA
VLIM
Voltage at ILIM1 pin
VLIM = RLIM × ILIMREF
0.2
2.25
V
VTH_PG
Power good deassertion threshold in
percentage of target VFB
VOUT rising
105.5%
108%
110.5%
VOUT falling
89.5%
92%
94.5%
RDSON_
DRVH
Driver DRVH resistance
Source, IDRVH = –50 mA
3
Ω
Sink, IDRVH = 50 mA
2
Ω
RDSON_
DRVL
Driver DRVL resistance
Source, IDRVL = –50 mA
3
Ω
Sink, IDRVL = 50 mA
0.4
Ω
CBOOT
Bootstrap capacitance
100
nF
RON_BO
OT
Bootstrap switch ON resistance
20
Ω
BUCK2, BUCK6
VIN
Power input voltage for external HSD
FET
5.6
13
21
V
VOUT
DC output voltage VID range and
options
VID step size = 10 mV, BUCKx_VID[6:0]
progresses from 0000001b to 1111111b
0.41
1.67
V
VID step size = 25 mV, BUCKx_VID[6:0]
progresses from 0000001b to 1111111b
1
3.575
V
BUCK2 output voltage default
Set by BUCK2_VID[6:0], 10-mV step size selected
0.8
V
BUCK6 output voltage default
Set by BUCK6_VID[6:0], 25-mV step size selected
3.3
V
DC output voltage accuracy
VOUT = 1, 1.2, 1.35, 1.5, 1.8, 2.5, 3.3 V
IOUT = 100 mA to 7 A
–2%
2%
Total output voltage accuracy (DC
plus ripple) in DCM
IOUT = 10 mA, VOUT ≤ 1 V
–30
40
mV
SR(VOU
T)
Output DVS slew rate
Step size = 10 mV
2.5
3.125
mV/µs
Step size = 25 mV
5
6.25
ILIM_LSD
Low-side output valley current limit
accuracy (programmed by external
resistor RLIM)
–15%
15%
ILIMREF
Source current out of ILIM1 pin
TA = 25°C
45
50
55
µA
VLIM
Voltage at ILIM1 pin
VLIM = RLIM × ILIMREF
0.2
2.25
V
ΔVOUT/
ΔVIN
Line regulation
VOUT = 1, 1.2, 1.35, 1.5, 1.8, 2.5, 3.3 V,
IOUT = 7 A
–0.5%
0.5%


Similar Part No. - TPS6508700RSKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650830 TI1-TPS650830 Datasheet
2Mb / 157P
[Old version datasheet]   Simple and Flexible Wide Input Voltage PMU for Mobile Computers
TPS650830ZAJR TI1-TPS650830ZAJR Datasheet
2Mb / 157P
[Old version datasheet]   Simple and Flexible Wide Input Voltage PMU for Mobile Computers
TPS650830ZAJT TI1-TPS650830ZAJT Datasheet
2Mb / 157P
[Old version datasheet]   Simple and Flexible Wide Input Voltage PMU for Mobile Computers
TPS650830ZCGR TI1-TPS650830ZCGR Datasheet
2Mb / 157P
[Old version datasheet]   Simple and Flexible Wide Input Voltage PMU for Mobile Computers
TPS650830ZCGT TI1-TPS650830ZCGT Datasheet
2Mb / 157P
[Old version datasheet]   Simple and Flexible Wide Input Voltage PMU for Mobile Computers
More results

Similar Description - TPS6508700RSKR

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063_17 Datasheet
2Mb / 219P
   System PMIC for Mobile Application Processors
logo
Renesas Technology Corp
DA9068 RENESAS-DA9068 Datasheet
2Mb / 185P
   System PMIC for Multi-Core Application Processors
21-Feb-2022
logo
Dialog Semiconductor
DA9068 DIALOG-DA9068 Datasheet
2Mb / 179P
   System PMIC for Multi-Core Application Processors
DA9066 DIALOG-DA9066 Datasheet
3Mb / 255P
   System PMIC for Dual/Quad-Core Processors
logo
Renesas Technology Corp
DA9066 RENESAS-DA9066 Datasheet
3Mb / 257P
   System PMIC for Dual/Quad-Core Processors
21-Feb-2022
logo
Silicon Laboratories
EFP01 SILABS-EFP01 Datasheet
2Mb / 158P
   EFP01 Energy Friendly PMIC Family
Rev. 1.3
logo
Siemens Semiconductor G...
SAB8288A SIEMENS-SAB8288A Datasheet
236Kb / 11P
   Bus Controller for SAB 8086 Family Processors
logo
NXP Semiconductors
PF1550 NXP-PF1550 Datasheet
1Mb / 150P
   Power management integrated circuit (PMIC) for low power application processors
Rev. 5-10 June 2019
PF1550 NXP-PF1550_V01 Datasheet
1Mb / 150P
   Power management integrated circuit (PMIC) for low power application processors
Rev. 7 - 29 September 2021
logo
AAEON Technology
COM-690E AAEON-COM-690E Datasheet
383Kb / 1P
   AMD Turion?? Sempron??(S1 Socket) Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com